Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 241 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 241 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 237Page - Renesas Technology Corp H8S2245 Datasheet HTML 238Page - Renesas Technology Corp H8S2245 Datasheet HTML 239Page - Renesas Technology Corp H8S2245 Datasheet HTML 240Page - Renesas Technology Corp H8S2245 Datasheet HTML 241Page - Renesas Technology Corp H8S2245 Datasheet HTML 242Page - Renesas Technology Corp H8S2245 Datasheet HTML 243Page - Renesas Technology Corp H8S2245 Datasheet HTML 244Page - Renesas Technology Corp H8S2245 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 199 of 772
REJ09B0355-0300
7.3.8
Chain Transfer
Setting the CHNE bit to 1 enables a number of data transfers to be performed consecutively in
response to a single transfer request. SAR, DAR, CRA, CRB, MRA, and MRB, which define data
transfers, can be set independently.
Figure 7.9 shows the memory map for chain transfer. When activated, the DTC reads the register
information start address stored at the vector address, which corresponds to the activation request,
and then reads the first register information at that start address. After the data transfer, the CHNE
bit will be tested. When it has been set to 1, DTC reads the next register information located in a
consecutive area and performs the data transfer. These sequences are repeated until the CHNE bit
is cleared to 0.
Source
Source
Destination
Destination
DTC vector
address
Register information
start address
Register information
CHNE = 1
Register information
CHNE = 0
Figure 7.9 Chain Transfer Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More