| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 709 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 709 Page - Renesas Technology Corp |
|
709 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 667 of 772 REJ09B0355-0300 PORTE—Port E Register H'FF5D Port E 7 PE7 —* R 6 PE6 —* R 5 PE5 —* R 4 PE4 —* R 3 PE3 —* R 0 PE0 —* R 2 PE2 —* R 1 PE1 —* R State of port E pins Note: * Determined by the state of pins PE7 to PE0. Bit Initial value Read/Write : : : PORTF—Port F Register H'FF5E Port F 7 PF7 —* R 6 PF6 —* R 5 PF5 —* R 4 PF4 —* R 3 PF3 —* R 0 PF0 —* R 2 PF2 —* R 1 PF1 —* R State of port F pins Note: * Determined by the state of pins PF7 to PF0. Bit Initial value Read/Write : : : PORTG—Port G Register H'FF5F Port G 7 — Undefined — 6 — Undefined — 5 — Undefined — 4 PG4 —* R 3 PG3 —* R 0 PG0 —* R 2 PG2 —* R 1 PG1 —* R State of port G pins Note: * Determined by the state of pins PG4 to PG0. Bit Initial value Read/Write : : : |