| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 708 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 708 Page - Renesas Technology Corp |
|
708 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 666 of 772 REJ09B0355-0300 PORTB—Port B Register H'FF5A Port B 7 PB7 —* R 6 PB6 —* R 5 PB5 —* R 4 PB4 —* R 3 PB3 —* R 0 PB0 —* R 2 PB2 —* R 1 PB1 —* R State of port B pins Note: * Determined by the state of pins PB7 to PB0. Bit Initial value Read/Write : : : PORTC—Port C Register H'FF5B Port C 7 PC7 —* R 6 PC6 —* R 5 PC5 —* R 4 PC4 —* R 3 PC3 —* R 0 PC0 —* R 2 PC2 —* R 1 PC1 —* R State of port C pins Note: * Determined by the state of pins PC7 to PC0. Bit Initial value Read/Write : : : PORTD—Port D Register H'FF5C Port D 7 PD7 —* R 6 PD6 —* R 5 PD5 —* R 4 PD4 —* R 3 PD3 —* R 0 PD0 —* R 2 PD2 —* R 1 PD1 —* R State of port D pins Note: * Determined by the state of pins PD7 to PD0. Bit Initial value Read/Write : : : |