| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 571 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 571 Page - Renesas Technology Corp |
|
571 / 818 page ![]() Section 16 ROM Rev.3.00 Mar. 26, 2007 Page 529 of 772 REJ09B0355-0300 Section 16 ROM 16.1 Overview The H8S/2246 and H8S/2245 have 128 kbytes of on-chip ROM (PROM or mask ROM). The H8S/2244 and H8S/2243 have 64 kbytes of on-chip ROM (mask ROM). The H8S/2242 and H8S/2241 have 32 kbytes of on-chip ROM (mask ROM). The ROM is connected to the CPU by a 16-bit data bus. The CPU accesses both byte data and word data in one state, making possible rapid instruction fetches and high-speed processing. The on-chip ROM is enabled or disabled by setting the mode pins (MD 2, MD1, and MD0) and bit EAE in BCRL. The PROM version of the H8S/2245 Group (H8S/2246) can be programmed with a general- purpose PROM programmer, by setting PROM mode. |