Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 380 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 380 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 376Page - Renesas Technology Corp H8S2245 Datasheet HTML 377Page - Renesas Technology Corp H8S2245 Datasheet HTML 378Page - Renesas Technology Corp H8S2245 Datasheet HTML 379Page - Renesas Technology Corp H8S2245 Datasheet HTML 380Page - Renesas Technology Corp H8S2245 Datasheet HTML 381Page - Renesas Technology Corp H8S2245 Datasheet HTML 382Page - Renesas Technology Corp H8S2245 Datasheet HTML 383Page - Renesas Technology Corp H8S2245 Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 338 of 772
REJ09B0355-0300
Phase counting mode 2: Figure 9.27 shows an example of phase counting mode 2 operation, and
table 9.9 summarizes the TCNT up/down-count conditions.
TCNT value
Time
Down-count
Up-count
TCLKA (Channel 1)
TCLKC (Channel 2)
TCLKB (Channel 1)
TCLKD (Channel 2)
Figure 9.27 Example of Phase Counting Mode 2 Operation
Table 9.9
Up/Down-Count Conditions in Phase Counting Mode 2
TCLKA (Channel 1)
TCLKC (Channel 2)
TCLKB (Channel 1)
TCLKD (Channel 2)
Operation
High level
Low level
Low level
Don't care
High level
Up-count
High level
Low level
High level
Don't care
Low level
Down-count
Legend:
: Rising edge
: Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More