| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 376 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 376 Page - Renesas Technology Corp |
|
376 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 334 of 772 REJ09B0355-0300 TCNT value TGRA H'0000 TIOCA Time TGRB Counter cleared by TGRA compare match Figure 9.22 Example of PWM Mode Operation (1) Figure 9.23 shows an example of PWM mode 2 operation. In this example, synchronous operation is designated for channels 0 and 1, TGR1B compare match is set as the TCNT clearing source, and 0 is set for the initial output value and 1 for the output value of the other TGR registers, to output a 5-phase PWM waveform. In this case, the value set in TGR1B is used as the cycle, and the values set in the other TGRs as the duty. TCNT value TGR1B H'0000 TIOCA0 Counter cleared by TGR1B compare match TGR1A TGR0D TGR0C TGR0B TGR0A TIOCB0 TIOCC0 TIOCD0 TIOCA1 Figure 9.23 Example of PWM Mode Operation (2) |