Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623SC Fiches technique(PDF) 25 Page - Renesas Technology Corp

No de pièce M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Fiches technique(HTML) 25 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 21Page - Renesas Technology Corp M30623SC Datasheet HTML 22Page - Renesas Technology Corp M30623SC Datasheet HTML 23Page - Renesas Technology Corp M30623SC Datasheet HTML 24Page - Renesas Technology Corp M30623SC Datasheet HTML 25Page - Renesas Technology Corp M30623SC Datasheet HTML 26Page - Renesas Technology Corp M30623SC Datasheet HTML 27Page - Renesas Technology Corp M30623SC Datasheet HTML 28Page - Renesas Technology Corp M30623SC Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 231 page
background image
Software wait
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
24
Software wait
A software wait can be inserted by setting the wait bit (bit 7) of the processor mode register 1 (address
000516) (Note).
A software wait is inserted in the internal ROM/RAM area by setting the wait bit of the processor mode
register 1. When set to “0”, each bus cycle is executed in one BCLK cycle. When set to “1”, each bus cycle
is executed in two BCLK cycles. After the microcomputer has been reset, this bit defaults to “0”. Set this bit
after referring to the recommended operating conditions (main clock input oscillation frequency) of the
electric characteristics.
The SFR area is always accessed in two BCLK cycles regardless of the setting of these control bits.
Table 1.8.1 shows the software wait and bus cycles. Figure 1.8.3 shows example bus timing when using
software waits.
Note: Before attempting to change the contents of the processor mode register 1, set bit 1 of the protect
register (address 000A16) to “1”.
Area
Wait bit
Bus cycle
1
2 BCLK cycles
SFR
Internal
ROM/RAM
0
1 BCLK cycle
Invalid
2 BCLK cycles
Table 1.8.1. Software waits and bus cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com