Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623SC Fiches technique(PDF) 73 Page - Renesas Technology Corp

No de pièce M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Fiches technique(HTML) 73 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 69Page - Renesas Technology Corp M30623SC Datasheet HTML 70Page - Renesas Technology Corp M30623SC Datasheet HTML 71Page - Renesas Technology Corp M30623SC Datasheet HTML 72Page - Renesas Technology Corp M30623SC Datasheet HTML 73Page - Renesas Technology Corp M30623SC Datasheet HTML 74Page - Renesas Technology Corp M30623SC Datasheet HTML 75Page - Renesas Technology Corp M30623SC Datasheet HTML 76Page - Renesas Technology Corp M30623SC Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 231 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
72
Symbol
Address
When reset
CPSRF
038116
0XXXXXXX2
Clock prescaler reset flag
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset
(When read, the value is “0”)
CPSR
W
R
TA1TGL
Symbol
Address
When reset
TRGSR
038316
0016
Timer A1 event/trigger
select bit
0 0 : Input on TA1IN is selected (Note1,2)
0 1 : TB2 overflow is selected
1 0 : TA0 overflow is selected
1 1 : TA2 overflow is selected
Trigger select register
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : Input on TA2IN is selected (Note1,2)
0 1 : TB2 overflow is selected
1 0 : TA1 overflow is selected
1 1 : TA3 overflow is selected
0 0 : Input on TA3IN is selected (Note1)
0 1 : TB2 overflow is selected
1 0 : TA2 overflow is selected
1 1 : TA4 overflow is selected
0 0 : Input on TA4IN is selected (Note1)
0 1 : TB2 overflow is selected
1 0 : TA3 overflow is selected
1 1 : TA0 overflow is selected
Timer A2 event/trigger
select bit
Timer A3 event/trigger
select bit
Timer A4 event/trigger
select bit
W
R
TA1TGH
TA2TGL
TA2TGH
TA3TGL
TA3TGH
TA4TGL
TA4TGH
b1 b0
b3 b2
b5 b4
b7 b6
Note 1: Set the corresponding port direction register to “0”.
Note 2: Since TA1IN and TA2IN are not connected to external pin, do not select these
functions.
TA1OS
TA2OS
TA0OS
One-shot start flag
Symbol
Address
When reset
ONSF
038216
00X000002
Timer A0 one-shot start flag
Timer A1 one-shot start flag
Timer A2 one-shot start flag
Timer A3 one-shot start flag
Timer A4 one-shot start flag
TA3OS
TA4OS
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
TA0TGL
TA0TGH
0 0 : Input on TA0IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA4 overflow is selected
1 1 : TA1 overflow is selected
Timer A0 event/trigger
select bit
b7 b6
Note: Set the corresponding port direction register to “0”.
W
R
1 : Timer start
When read, the value is “0”
Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read,
turns out to be indeterminate.
Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read,
turns out to be indeterminate.
Figure 1.13.6. Timer A-related registers (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com