Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623SC Fiches technique(PDF) 79 Page - Renesas Technology Corp

No de pièce M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Fiches technique(HTML) 79 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 75Page - Renesas Technology Corp M30623SC Datasheet HTML 76Page - Renesas Technology Corp M30623SC Datasheet HTML 77Page - Renesas Technology Corp M30623SC Datasheet HTML 78Page - Renesas Technology Corp M30623SC Datasheet HTML 79Page - Renesas Technology Corp M30623SC Datasheet HTML 80Page - Renesas Technology Corp M30623SC Datasheet HTML 81Page - Renesas Technology Corp M30623SC Datasheet HTML 82Page - Renesas Technology Corp M30623SC Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 231 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
78
(4) Pulse width modulation (PWM) mode
In this mode, the timer outputs pulses of a given width in succession. (See Table 1.13.5.) In this mode, the
counter functions as either a 16-bit pulse width modulator or an 8-bit pulse width modulator. Timer A1
and A2 have no output pin, so it doesn't work in this mode. Figure 1.13.11 shows the timer Ai mode
register in pulse width modulation mode. Figure 1.13.12 shows the example of how a 16-bit pulse width
modulator operates. Figure 1.13.13 shows the example of how an 8-bit pulse width modulator operates.
Figure 1.13.11. Timer Ai mode register in pulse width modulation mode
Table 1.13.5. Timer specifications in pulse width modulation mode
Bit name
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
039616 to 039A16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode
select bit
1 1 : PWM mode
b1 b0
TMOD1
TMOD0
MR0
MR2
MR1
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
W
R
11
1
1 (Must always be “1” in PWM mode)
16/8-bit PWM mode
select bit
0: Functions as a 16-bit pulse width modulator
1: Functions as an 8-bit pulse width modulator
Trigger select bit
External trigger select
bit (Note 1,3)
0: Falling edge of TAiIN pin's input signal (Note 2)
1: Rising edge of TAiIN pin's input signal (Note 2)
0: Count start flag is valid
1: Selected by event/trigger select register
Note 1: Valid only when the TAiIN pin is selected by the event/trigger select bit
(addresses 038216 and 038316). If timer overflow is selected, this bit can be “1” or “0”.
Note 2: Set the corresponding port direction register to “0”.
Note 3: Set these bits "0" in timer A1 and A2 mode registers.
(Note 3)
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• The timer counts down (operating as an 8-bit or a 16-bit pulse width modulator)
• The timer reloads a new count at a rising edge of PWM pulse and continues counting
• The timer is not affected by a trigger that occurs when counting
16-bit PWM
• High level width
n / fi
n : Set value
• Cycle time
(216-1) / fi fixed
8-bit PWM
• High level width n (m+1) / fi
n : values set to timer Ai register’s high-order address
• Cycle time
(28-1) (m+1) / fi
m : values set to timer Ai register’s low-order address
Count start condition
• External trigger is input
• The timer overflows
• The count start flag is set (= 1)
Count stop condition
• The count start flag is reset (= 0)
Interrupt request generation timing
PWM pulse goes “L”
TAiIN pin function
Programmable I/O port or trigger input
TAiOUT pin function
Pulse output
Read from timer
When timer Ai register is read, it indicates an indeterminate value
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload
register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Note: Timer A1 and A2 do not have I/O port (TAiIN and TAiOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com