Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623SC Fiches technique(PDF) 17 Page - Renesas Technology Corp

No de pièce M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Fiches technique(HTML) 17 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 13Page - Renesas Technology Corp M30623SC Datasheet HTML 14Page - Renesas Technology Corp M30623SC Datasheet HTML 15Page - Renesas Technology Corp M30623SC Datasheet HTML 16Page - Renesas Technology Corp M30623SC Datasheet HTML 17Page - Renesas Technology Corp M30623SC Datasheet HTML 18Page - Renesas Technology Corp M30623SC Datasheet HTML 19Page - Renesas Technology Corp M30623SC Datasheet HTML 20Page - Renesas Technology Corp M30623SC Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 231 page
background image
Reset
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
16
Figure 1.6.3. Device's internal status after a reset is cleared
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values must therefore be set.
Note1: When the VCC level is applied to the CNVSS pin, it is 0316 at a reset.
Note2: This register is not exist in M30623EC.
(1)
(000416)···
Processor mode register 0 (Note1)
0016
(2)
(000516)···
Processor mode register 1
0
0
0
(3)
(000616)···
System clock control register 0
1
00
00
10
0
(4)
(000716)···
System clock control register 1
0
00
10
00
0
(5)
(6)
(000916)···
Address match interrupt enable
register
0
0
(7) Protect register
(000A16)···
00
0
(9)
(000F16)···
Watchdog timer control register
0
0?
0? ? ? ?
(11)
(001416)···
Address match interrupt register 1
(001516)···
(001616)···
0
0016
0016
0 0 0
(12)
(002C16)···
DMA0 control register
00000 ?00
(13)
(003C16)···
DMA1 control register
00000 ?00
(21)
(004B16)···
DMA0 interrupt control register
? 0 0 0
(22)
(004C16)···
DMA1 interrupt control register
? 0 0 0
(23)
(004D16)···
Key input interrupt control register
? 0 0 0
(20)
(004A16)···
Bus collision detection interrupt
control register
0 0 0
?
(8) Data bank register
(000B16)···
(001016)···
Address match interrupt register 0
(001116)···
(001216)···
0
0016
0016
0 0 0
(10)
(14)
(004416)···
INT3 interrupt control register
00?0 0 0
(15)
(004516)···
Timer B5 interrupt control register
?000
(16)
(004616)···
Timer B4 interrupt control register
?000
(17)
(004716)···
Timer B3 interrupt control register
?0 0 0
(18)
(004816)···
SI/O4 interrupt control register
0 0 ?000
(19)
(004916)···
SI/O3 interrupt control register
00? 000
(24) A-D conversion interrupt control
register
(25)
(26)
UART2 transmit interrupt control
register
UART2 receive interrupt control
register
(004E16)···
? 0 0 0
(004F16)···
(005016)···
? 0 0 0
? 0 0 0
0
00
0016
(27)
(28)
(29)
(30)
UART0 transmit interrupt control
register
UART0 receive interrupt control
register
UART1 transmit interrupt control register
UART1 receive interrupt control register
(31)
(32)
(33)
(34)
(35)
(36)
(37)
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
(38) Timer B2 interrupt control register
(39) INT0 interrupt control register
(40) INT1 interrupt control register
(41) INT2 interrupt control register
(45) Three-phase output buffer register 0
(46) Three-phase output buffer register 1
Three-phase PWM control register 0
(43)
Three-phase PWM control register 1
(44)
(42) Timer B3,4,5 count start flag
(47)Timer B3 mode register
(48) Timer B4 mode register
(49) Timer B5 mode register
(50)Interrupt cause select register
0016
UART2 transmit/receive control register 1
UART2 transmit/receive control register 0
(037816)···
(037D16)···
(037C16)···
0016
000
00001
010
00000
(57)
UART2 transmit/receive mode register
(55)
(56)
(52) SI/O4 control register
(54) UART2 special mode register
(005116)···
(005216)···
(005316)···
(005416)···
(005516)···
(005616)···
(005716)···
(005816)···
(005916)···
(005A16)···
(005B16)···
(005C16)···
(005D16)···
(005E16)···
(005F16)···
(034A16)···
(034B16)···
(034816)···
(034916)···
(034016)···
(035B16)···
(035C16)···
(035D16)···
(035F16)···
(036616)···
(037716)···
(036216)···
SI/O3 control register
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 000
00
? 000
00
? 000
00
0016
0016
0016
0016
00?
0 000
00?
0 000
00?
0 000
4016
0016
4016
(51)
000
(53) UART2 special mode register 2 (Note2)
(037616)···
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com