| Moteur de recherche de fiches techniques de composants électroniques |
|
M30623SC Fiches technique(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30623SC Fiches technique(HTML) 49 Page - Renesas Technology Corp |
|
49 / 231 page ![]() Interrupt Mitsubishi microcomputers M16C / 62 Group (80-pin) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 48 Figure 1.10.7. Operation of saving registers (2) Stack pointer (SP) contains odd number [SP] (Odd) [SP] – 1 (Even) [SP] – 2(Odd) [SP] – 3 (Even) [SP] – 4(Odd) [SP] – 5 (Even) Address Sequence in which order registers are saved (2) (1) Finished saving registers in four operations. (3) (4) (1) Stack pointer (SP) contains even number [SP] (Even) [SP] – 1(Odd) [SP] – 2 (Even) [SP] – 3(Odd) [SP] – 4 (Even) [SP] – 5 (Odd) Note: [SP] denotes the initial value of the stack pointer (SP) when interrupt request is acknowledged. After registers are saved, the SP content is [SP] minus 4. Address Program counter (PCM) Stack area Flag register (FLGL) Program counter (PCL) Sequence in which order registers are saved (2) Saved simultaneously, all 16 bits (1) Saved simultaneously, all 16 bits Finished saving registers in two operations. Program counter (PCM) Stack area Flag register (FLGL) Program counter (PCL) Saved simultaneously, all 8 bits Flag register (FLGH) Program counter (PCH) Flag register (FLGH) Program counter (PCH) The operation of saving registers carried out in the interrupt sequence is dependent on whether the content of the stack pointer, at the time of acceptance of an interrupt request, is even or odd. If the content of the stack pointer (Note) is even, the content of the flag register (FLG) and the content of the program counter (PC) are saved, 16 bits at a time. If odd, their contents are saved in two steps, 8 bits at a time. Figure 1.10.7 shows the operation of the saving registers. Note: When any INT instruction in software numbers 32 to 63 has been executed, this is the stack pointer indicated by the U flag. Otherwise, it is the interrupt stack pointer (ISP). |