Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623SC Fiches technique(PDF) 54 Page - Renesas Technology Corp

No de pièce M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Fiches technique(HTML) 54 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 50Page - Renesas Technology Corp M30623SC Datasheet HTML 51Page - Renesas Technology Corp M30623SC Datasheet HTML 52Page - Renesas Technology Corp M30623SC Datasheet HTML 53Page - Renesas Technology Corp M30623SC Datasheet HTML 54Page - Renesas Technology Corp M30623SC Datasheet HTML 55Page - Renesas Technology Corp M30623SC Datasheet HTML 56Page - Renesas Technology Corp M30623SC Datasheet HTML 57Page - Renesas Technology Corp M30623SC Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 231 page
background image
Address Match Interrupt
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
53
Address Match Interrupt
An address match interrupt is generated when the address match interrupt address register contents match
the program counter value. Two address match interrupts can be set, each of which can be enabled and
disabled by an address match interrupt enable bit. Address match interrupts are not affected by the inter-
rupt enable flag (I flag) and processor interrupt priority level (IPL). The value of the program counter (PC)
for an address match interrupt varies depending on the instruction being executed.
Figure 1.10.12 shows the address match interrupt-related registers.
Bit name
Bit symbol
Symbol
Address
When reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
W
R
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
Symbol
Address
When reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
b7
b6
b5
b4
b3
b2
b1
b0
W
R
Address setting register for address match interrupt
Function
Values that can be set
Address match interrupt register i (i = 0, 1)
0000016 to FFFFF16
0 : Interrupt disabled
1 : Interrupt enabled
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
Figure 1.10.12. Address match interrupt-related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com