| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20C4 Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C4 Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 212 page ![]() csngl 59/212 ® csngl check single Code: 24 FC Description: Check that the two word signed value in Areg and Breg (most significant w ord in Breg) can be represented as a single length signed integer. Definition: if ((Areg ≥ 0) and (Breg ≠ 0)) or ((Areg < 0) and (Breg ≠ −1)) IntegerError Error signals: IntegerError signalled if Areg is not in range. Comments: Secondary instruction. See also: cb cbu cir ciru cs csu cword |