Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 63Page - STMicroelectronics ST20C4 Datasheet HTML 64Page - STMicroelectronics ST20C4 Datasheet HTML 65Page - STMicroelectronics ST20C4 Datasheet HTML 66Page - STMicroelectronics ST20C4 Datasheet HTML 67Page - STMicroelectronics ST20C4 Datasheet HTML 68Page - STMicroelectronics ST20C4 Datasheet HTML 69Page - STMicroelectronics ST20C4 Datasheet HTML 70Page - STMicroelectronics ST20C4 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 212 page
background image
devsb
67/212
®
devsb
device store byte
Code: 2F F1
Description: Perform a device write from memory, a memory-mapped device or a
peripheral. Store the least significant byte of Breg into the byte addressed by Areg.
The memory access performed by this instruction is guaranteed to be correctly
sequenced with respect to other device-access instructions. Also the instruction is
guaranteed to be executed after all normal memory store instructions that appear
before it in the code sequence, and before all normal memory stores that appear after
it.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
PeripheralByte
′[Areg]
← Breg
0..7
else
byte
′[Areg] ← Breg
0..7
Areg
′← Creg
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
See also:
devlb devss devsw sb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More