| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20C4 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C4 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 212 page ![]() devls ® 64/212 devls device load sixteen Code: 2F F2 Description: Perform a device read from memory, a memory-mapped device or a peripheral. The 16-bit object addressed by Areg is read into Areg as an unsigned value. The memory access performed by this instruction is guaranteed to be correctly sequenced with respect to other device-access instructions. Also the instruction is guaranteed to be executed after all normal memory load instructions that appear before it in the code sequence, and before all normal memory loads that appear after it. Definition: if (PeripheralStart ≤ Areg ≤ PeripheralEnd) Areg ′ 0..15 ← PeripheralSixteen[Areg] else Areg ′ 0..15 ← sixteen[Areg] Areg ′ 16..31 ← 0 Error signals: none Comments: Secondar y instruction. See also: devlb devlw devsb ls |