Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 74Page - STMicroelectronics ST20C4 Datasheet HTML 75Page - STMicroelectronics ST20C4 Datasheet HTML 76Page - STMicroelectronics ST20C4 Datasheet HTML 77Page - STMicroelectronics ST20C4 Datasheet HTML 78Page - STMicroelectronics ST20C4 Datasheet HTML 79Page - STMicroelectronics ST20C4 Datasheet HTML 80Page - STMicroelectronics ST20C4 Datasheet HTML 81Page - STMicroelectronics ST20C4 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 212 page
background image
enbs
®
78/212
enbs
enable skip
Code: 24 F9
Description: Enable a ‘skip’ guard in an alternative sequence. Areg is the boolean
guard. Note that this instruction should only be used as part of an alternative
sequence following an
alt or talt instruction.
Definition:
if (Areg
≠ false)
word
′[Wptr @ pw.State]
← Ready.p
Error signals: none
Comments:
Secondar y instruction.
See also:
alt altend altwt diss talt taltwt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More