Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 59Page - STMicroelectronics ST20C4 Datasheet HTML 60Page - STMicroelectronics ST20C4 Datasheet HTML 61Page - STMicroelectronics ST20C4 Datasheet HTML 62Page - STMicroelectronics ST20C4 Datasheet HTML 63Page - STMicroelectronics ST20C4 Datasheet HTML 64Page - STMicroelectronics ST20C4 Datasheet HTML 65Page - STMicroelectronics ST20C4 Datasheet HTML 66Page - STMicroelectronics ST20C4 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 212 page
background image
devlb
63/212
®
devlb
device load byte
Code: 2F F0
Description: Perform a device read from memory, a memory-mapped device or a
peripheral. The byte addressed by Areg is read into Areg as an unsigned value. The
memory access performed by this instruction is guaranteed to be correctly sequenced
with respect to other device-access instructions. Also the instruction is guaranteed to
be executed after all normal memory load instructions that appear before it in the code
sequence, and before all normal memory loads that appear later.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
Areg
′
0..7
← PeripheralByte[Areg]
else
Areg
′
0..7
← byte[Areg]
Areg
′
8..31
← 0
Error signals: none
Comments:
Secondary instruction.
See also:
devls devlw devsb lb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More