| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20C4 Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C4 Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 212 page ![]() crcbyte ® 56/212 crcbyte calculate CRC on byte Code: 27 F5 Description: Generate a CRC (cyclic redundancy check) checksum from the most significant b yte of Areg. Breg contains the previously accumulated checksum and Creg the polynomial divisor (or ‘generator’). The new CRC checksum, the polynomial remainder, is calculated by repeatedly (8 times) shifting the accumulated checksum left, shifting in successive bits from the Areg and if the bit shifted out of the checksum was a 1, then the generator is exclusive-ored into the checksum. Definition: Areg ′← temp(8) Breg ′← Creg Creg ′← undefined where temp(0) = Breg for i = 1.. 8 temp(i) = (temp(i -1) << 1) + Areg BitsPerWord-i) ⊗ (Creg × temp(i −1) BitsPerWord-1) Error signals: none Comments: Secondar y instruction. See also: crcword |