Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 159 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 159 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 155Page - STMicroelectronics ST20C4 Datasheet HTML 156Page - STMicroelectronics ST20C4 Datasheet HTML 157Page - STMicroelectronics ST20C4 Datasheet HTML 158Page - STMicroelectronics ST20C4 Datasheet HTML 159Page - STMicroelectronics ST20C4 Datasheet HTML 160Page - STMicroelectronics ST20C4 Datasheet HTML 161Page - STMicroelectronics ST20C4 Datasheet HTML 162Page - STMicroelectronics ST20C4 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 212 page
background image
settimeslice
159/212
®
settimeslice
set timeslicing status
Code: 2B F0
Description: Enable or disable timeslicing of the current process, depending on the
value of Areg, and set Areg to indicate whether timeslicing was enabled or disabled
prior to execution of the instruction. If Areg is initially
false timeslicing is disabled until
either the process deschedules or timeslicing is enabled. If Areg is initially
true
timeslicing is enabled. This instruction is only meaningful when run at low priority.
Definition:
if (Areg
= false)
Disable timeslicing
else if (Areg
= true)
Enable timeslicing
else
Undefined effect
if
(
timeslicing was previously enabled)
Areg
′← true
else
Areg
′← false
Error signals: none
Comments:
Secondary instruction.
See also:
intdis intenb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More