Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 151 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 151 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 147Page - STMicroelectronics ST20C4 Datasheet HTML 148Page - STMicroelectronics ST20C4 Datasheet HTML 149Page - STMicroelectronics ST20C4 Datasheet HTML 150Page - STMicroelectronics ST20C4 Datasheet HTML 151Page - STMicroelectronics ST20C4 Datasheet HTML 152Page - STMicroelectronics ST20C4 Datasheet HTML 153Page - STMicroelectronics ST20C4 Datasheet HTML 154Page - STMicroelectronics ST20C4 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 212 page
background image
satadd
151/212
®
satadd
saturating add
Code: 26 F8
Description: Perform addition using ‘saturating arithmetic’ i.e. signed arithmetic
where overflowing results do not wrap round but return MostPos or MostNeg
according to the sign of the result. This instruction is used for clipping algorithms in
signal processing.
Definition:
if (sum
> MostPos)
Areg
′← MostPos
else if (sum
< MostNeg)
Areg
′← MostNeg
else
Areg
′← sum
Breg
′← Creg
Creg
′← undefined
where sum
= Breg + Areg
– sum
is calculated to unlimited precision
Error signals: none
Comments:
Secondary instruction.
See also:
satsub satmul



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More