Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 134 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 134 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 130Page - STMicroelectronics ST20C4 Datasheet HTML 131Page - STMicroelectronics ST20C4 Datasheet HTML 132Page - STMicroelectronics ST20C4 Datasheet HTML 133Page - STMicroelectronics ST20C4 Datasheet HTML 134Page - STMicroelectronics ST20C4 Datasheet HTML 135Page - STMicroelectronics ST20C4 Datasheet HTML 136Page - STMicroelectronics ST20C4 Datasheet HTML 137Page - STMicroelectronics ST20C4 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 212 page
background image
norm
®
134/212
norm
normalize
Code: 21 F9
Description: Normalize the unsigned double length number stored in Breg and Areg
(most significant word in Breg). The value is shifted left until the most significant bit is
a one. The number of places shifted is returned in Creg. This instruction is used as
the first instr uction in the single length floating point rounding code sequence ,
norm;
postnormsn; roundsn.
Definition:
if ((Bregunsigned = 0) and (Aregunsigned = 0))
Creg
′← 2 × BitsPerWord
else
{
Creg
′← number of most significant zero bits in long
Areg
′
unsigned
← (long << Creg′) rem 2BitsPerWord
Breg
′
unsigned
← ((long << Creg′) / 2BitsPerWord) rem 2BitsPerWord
}
where long
= (Breg
unsigned × 2
BitsPerWord)
+ Areg
unsigned
–
the value of long is calculated to double word precision
Error signals: none
Comments:
Secondar y instruction.
See also:
lshl lshr postnormsn roundsn shl shr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More