Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C4 Fiches technique(PDF) 119 Page - STMicroelectronics

No de pièce ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Fiches technique(HTML) 119 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 115Page - STMicroelectronics ST20C4 Datasheet HTML 116Page - STMicroelectronics ST20C4 Datasheet HTML 117Page - STMicroelectronics ST20C4 Datasheet HTML 118Page - STMicroelectronics ST20C4 Datasheet HTML 119Page - STMicroelectronics ST20C4 Datasheet HTML 120Page - STMicroelectronics ST20C4 Datasheet HTML 121Page - STMicroelectronics ST20C4 Datasheet HTML 122Page - STMicroelectronics ST20C4 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 212 page
background image
lmul
119/212
®
lmul
long multiply
Code: 23 F1
Description: Form the double length product of Areg and Breg, with Creg as carry
in, treating the initial values as unsigned.
Definition:
Areg
′
unsigned
← prod rem 2BitsPerWord
Breg
′
unsigned
← prod / 2BitsPerWord
Creg
′← undefined
where prod
= (Breg
unsigned × Aregunsigned) + Cregunsigned
–
the value of prod is calculated to unlimited precision
Error signals: none
Comments:
Secondary instruction.
See also:
ldiv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More