Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEVKIT-MPC5744P Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 10Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 12Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 13Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 14Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 15Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EXTERNAL USE
12
DEVKIT-MPC5744P Board : Programing Interface
OpenSDA Interface
DESCRIPTION
PIN
OpenSDA MCU Boot Entry
SW4
OpenSDA micro USB:
On-board JTAG connection via
open source
OSBDM circuit using the
MK20DX128VFM5
Microcontroller
J12
OpenSDA JTAG
:
JTAG to update firmware in
OpenSDA MCU
J11
OpenSDA JTAG
JTAG
OpenSDA MCU
OpenSDA micro USB
OpenSDA MCU
Boot Entry Button
JTAG
DESCRIPTION
PIN
Support for USB Multilink
Interface
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24