| Moteur de recherche de fiches techniques de composants électroniques |
|
DEVKIT-MPC5744P Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DEVKIT-MPC5744P Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 24 page ![]() EXTERNAL USE 5 DEVKIT-MPC5744P Board : Overview The DEVKIT-MPC5744P is an ultra-low-cost development platform for MPC5744P Microcontrollers. Features include easy access to all MCU I/Os, a standard-based form factor compatible with the Arduino™ pin layout, providing a broad range of expansion board options, and a USB serial port interface for connection to the IDE. The board has option to be powered via USB or an external power supply. NXP Microcontroller MPC5744P JTAG MPC5744P JTAG OpenSDA MCU User LEDs LIN Bus CAN Bus FlexRay Potentiometer User Switch 2 User Switch 1 12V External Power Supply OpenSDA micro-USB J3 J4 J5 J2 J1 J6 OpenSDA MCU Reset Button OpenSDA MCU Boot Entry Button |