Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEVKIT-MPC5744P Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 18Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 19Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 20Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 21Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 22Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 23Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
EXTERNAL USE
20
OpenSDA
1 of 2
•
OpenSDA is an open-standard serial and debug adapter
•
It bridges serial and debug communications between a USB host and an embedded target processor
•
DEVKIT-MPC5744P comes with the OpenSDA Application preinstalled
•
Follow these instructions to run the OpenSDA Bootloader and update or change the installed OpenSDA Application
Enter OpenSDA Bootloader Mode
1.
Unplug the OpenSDA USB cable if attached
2.
Press and hold the Bootloader Entry button (SW4)
3.
Plug in a USB cable between a USB host and the OpenSDA USB
connector (labeled “SDA”)
4.
Release the Reset button
A removable drive should now be visible in the host file system with a
volume label of BOOTLOADER. You are now in OpenSDA Bootloader
mode.
IMPORTANT NOTE:
Follow the “Load an OpenSDA
Application” instructions to update the application on your
MK20DX128VFM5 to the latest version. It is likely that the version provided
in this package is newer than what was preprogrammed on your
MK20DX128VFM5.
Load an OpenSDA Application
1.
While in OpenSDA Bootloader mode, double-click SDA_INFO.HTML in the
BOOTLOADER drive. A web browser will open the OpenSDA homepage
containing the name and version of the installed Application. This
information can also be read as text directly from SDA_INFO.HTML
2.
Locate the OpenSDA Applications folder
3.
Copy & paste or drag & drop the Application to the BOOTLOADER drive
4.
Unplug the USB cable and plug it in again. The new OpenSDA Application
should now be running and check the latest version by repeating Step-1
Use the same procedure to load other OpenSDA Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24