Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEVKIT-MPC5744P Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Fiches technique(HTML) 4 Page - NXP Semiconductors

  DEVKIT-MPC5744P Datasheet HTML 1Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 2Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 3Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 4Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EXTERNAL USE
3
Step-by-Step Installation Instructions
1
Install Software and Tools
Install S32 Design Studio IDE for Power Architecture.
S32 Design Studio for Power
See Software Installation Guide (SWIG) for detailed procedure
2
Connect the USB Cable
Connect one end of the USB cable to the PC and the other end to
the micro-B connector on the DEVKIT-MPC5744P board. Allow the
PC to automatically configure the USB drivers.
3
Observe the Default Program reaction
The pre-loaded example project utilizes the DEVKIT-MPC5744P
user potentiometer and the user LEDs. Once the board is plugged
in the ADC will scan the potentiometer result and shine LEDs based
on result. Turn the potentiometer to turn on a different LED pattern.
(Clock is configured to PLL running at 160 MHz)
4
Learn More About the DEVKIT-MPC5744P
Read release notes and documentation on the
nxp.com/DEVKIT-MPC5744P
nxp.com/MPC5744P
In this quick start guide, you will learn how to set up the
DEVKIT-MPC5744P board and run the default program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24