Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEVKIT-MPC5744P Fiches technique(PDF) 22 Page - NXP Semiconductors

No de pièce DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Fiches technique(HTML) 22 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 18Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 19Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 20Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 21Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 22Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 23Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
EXTERNAL USE
21
OpenSDA
2 of 2
Using the Virtual Serial Port
1.
Determine the symbolic name assigned to the DEVKIT-MPC5744P virtual serial port. On Windows platform open Device Manager and look for the COM
port named “OpenSDA-CDC Serial Port”.
2.
Open the serial terminal emulation program of your choice. Examples for Windows platform include Tera Term, PuTTY, or HyperTerminal.
3.
Program one of the “code examples” using S32 Design Studio IDE.
4.
Configure the terminal emulation program. Most embedded examples use 8 data bits, no parity bits, and one stop bit (8-N-1). Match the baud rate to the
selected serial test application and open the port.
5.
Press and release the Reset button (SW3) at anytime to restart the example application. Resetting the embedded application will not affect the
connection of the virtual serial port to the terminal program.
NOTE:
Refer to the OpenSDA User’s Guide for a description of a known Windows issue when disconnecting a virtual serial port while the COM port is in
use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24