| Moteur de recherche de fiches techniques de composants électroniques |
|
DEVKIT-MPC5744P Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DEVKIT-MPC5744P Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 24 page ![]() EXTERNAL USE 16 Pre-Compiled Code Examples • Pre-compiled example projects are available in S32DS as well as on nxp.com/DEVKIT-MPC5744P for quick start • Example projects also includes the projects from Application Note, AN4830: Qorivva Recipes for MPC574xG, migrated to MPC5744P platform List of code examples: 1. Hello World 2. Hello World + PLL 3. Hello World + PLL + Interrupts 4. ADC 5. DMA 6. eTimer Frequency Measurement 7. eTimer Count 8. Flash ECC 9. FlexCAN 11. LIN Master 12. LIN Slave 13. UART 14. SPI 15. SPI+DMA 16. TSENS 17. XBIC+DMA 18. SGEN + FlexPWM 19. Low Power STOP 20. Register Protection 21. FCCU NOTE: Run these examples with S32DS for Power Architecture v1.2 or later |