Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C01250618 Fiches technique(PDF) 17 Page - Norgren Ltd

No de pièce C01250618
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250618 Fiches technique(HTML) 17 Page - Norgren Ltd

Back Button C01250618 Datasheet HTML 9Page - Norgren Ltd C01250618 Datasheet HTML 10Page - Norgren Ltd C01250618 Datasheet HTML 11Page - Norgren Ltd C01250618 Datasheet HTML 12Page - Norgren Ltd C01250618 Datasheet HTML 13Page - Norgren Ltd C01250618 Datasheet HTML 14Page - Norgren Ltd C01250618 Datasheet HTML 15Page - Norgren Ltd C01250618 Datasheet HTML 16Page - Norgren Ltd C01250618 Datasheet HTML 17Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
02/04
N/UK 9.1.001.017
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
3
26,5
13,5
3,2
5,5
11,0
5,5
7,0
7,5
M00600300
4
28,5
14,5
3,2
6,0
12,0
6,0
8,0
8,5
M00600400
6
33,0
16,5
3,2
7,0
13,0
7,0
10,0
10,5
M00600600
O
C
G
ø A
ø K
EE
M0060
Union Tee
Ø A
C
C1
Ø D
E
G
H
Ø K
O
Typ
Ø A
B
C
C1
G
G1
Ø K
Typ
3
M3
13,5
29,5
3,0
11,0
7,0
8
M02680303
3
M5
13,5
30,0
4,0
11,0
7,0
8
M02680305
3
M6
13,5
30,5
4,0
11,0
7,0
8
M02680306
4
M3
14,0
30,5
3,0
11,5
8,0
8
M02680403
4
M5
14,0
31,0
3,5
11,5
8,0
8
M02680405
4
M6
14,0
31,5
4,0
12,0
8,0
8
M02680406
4
R1/8
14,0
31,5
6,0
11,5
8,0
14
M01680418
6
M5
16,5
33,5
3,5
13,0
10,0
8
M02680605
6
M6
16,5
34,0
4,0
13,0
10,0
8
M02680606
6
R1/8
16,5
33,5
6,0
13,0
10,0
14
M01680618
C
B
ø A
M0168, M0268
Swivel Side Tee Adaptor
Ø A
B
C
C1
G
G1
Ø K
Typ
3
M3
25,5
16,0
3,0
11,0
7,0
8
M02670303
3
M5
29,0
17,0
4,0
11,0
7,0
8
M02670305
3
M6
27,0
17,0
4,0
11,0
7,0
8
M02670306
4
M3
28,5
16,0
3,0
11,5
8,0
8
M02670403
4
M5
28,5
17,0
3,5
11,5
8,0
8
M02670405
4
M6
29,0
17,0
4,0
11,5
8,0
8
M02670406
4
R1/8
29,0
18,0
6,0
11,5
8,0
14
M01670418
6
M5
31,0
17,0
3,5
13,0
10,0
8
M02670605
6
M6
31,0
17,0
4,0
13,0
10,0
8
M02670606
6
R1/8
31,0
18,0
6,0
13,0
10,0
14
M01670618
C
G 1
B
M0167, M0267
Swivel Tee Adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17