Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C01250618 Fiches technique(PDF) 9 Page - Norgren Ltd

No de pièce C01250618
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250618 Fiches technique(HTML) 9 Page - Norgren Ltd

Back Button C01250618 Datasheet HTML 5Page - Norgren Ltd C01250618 Datasheet HTML 6Page - Norgren Ltd C01250618 Datasheet HTML 7Page - Norgren Ltd C01250618 Datasheet HTML 8Page - Norgren Ltd C01250618 Datasheet HTML 9Page - Norgren Ltd C01250618 Datasheet HTML 10Page - Norgren Ltd C01250618 Datasheet HTML 11Page - Norgren Ltd C01250618 Datasheet HTML 12Page - Norgren Ltd C01250618 Datasheet HTML 13Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
02/04
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
N/UK 9.1.001.09
C
G 1
B
C0A51
Banjo
Ø A
B
C
C1
E
G
G1
Ø K
Typ
4
M5
25,0
18,0
10,0
3,5
16,5
9,5
8
C0A510405
4
G1/8
30,5
25,0
14,5
11,0
16,5
9,5
8
C0A510418
4
G1/4
34,5
29,0
16,5
10,0
16,5
9,5
15
C0A510428
6
M5
18,0
28,0
11,0
3,5
17,5
12,0
8
C0A510605
6
G1/8
31,0
25,0
14,5
8,0
17,5
12,0
11
C0A510618
6
G1/4
35,0
29,0
16,5
10,0
17,5
12,0
15
C0A510628
6
G3/8
38,5
32,5
20,5
11,0
17,5
12,0
19
C0A510638
8
G1/8
33,0
25,0
13,5
8,0
18,5
14,0
11
C0A510818
8
G1/4
37,0
29,0
16,0
10,0
18,5
14,0
15
C0A510828
8
G3/8
40,0
32,5
20,5
11,0
18,5
14,0
19
C0A510838
8
G1/2
46,0
39,5
23,0
14,0
18,5
14,0
24
C0A510848
10
G1/4
39,0
29,0
15,5
10,0
19,5
16,5
15
C0A511028
10
G3/8
42,0
32,5
19,5
11,0
19,5
16,5
19
C0A511038
10
G1/2
47,5
39,5
23,0
14,0
19,5
16,5
24
C0A511048
12
G3/8
46,0
32,5
18,5
11,0
22,0
19,0
19
C0A511238
12
G1/2
50,0
39,5
21,5
14,0
22,0
19,0
24
C0A511248
Ø A
B/B1 C
C1
E
G
G1
G2
Ø K
Typ
C
B 1
B
G 1
C0D51
C0E51
C0F51
C0G51
Banjo with Top Port
4
M5
25,0
20,0
10,0
3,5
16,5
6,0
9,5
8
C0D510405
4
R1/8
30,5
30,0
14,5
9,0
16,5
8,0
9,5
17
C0E510418
4
R1/4
34,5
35,5
18,0
11,0
16,5
10,0
9,5
17
C0F510428
6
M5
28,0
20,0
11,0
3,5
17,5
6,0
12,0 8
C0D510605
6
R1/8
31,0
30,0
14,5
9,0
17,5
8,0
12,0 14
C0E510618
6
R1/4
35,0
35,5
18,0
11,0
17,5
10,0
12,0 17
C0F510628
6
R3/8
38,5
41,0
21,0
12,0
17,5
11,0
12,0 21
C0G510638
8
R1/8
33,0
30,0
15,5
9,0
18,5
8,0
14,0 14
C0E510818
8
R1/4
38,0
35,5
19,0
11,0
18,5
10,0
14,0 17
C0F510828
8
R3/8
40,0
41,0
21,0
12,0
18,5
11,0
14,0 21
C0G510838
10
R1/4
39,0
35,5
20,0
11,0
19,5
10,0
16,5 17
C0F511028
10
R3/8
42,0
41,0
22,5
12,0
19,5
11,0
16,5 21
C0G511038
12
R3/8
46,0
41,0
23,0
12,0
22,0
11,0
19,0 21
C0G511238
Ø A
B
C
C1
E
G
G1
Ø K
Typ
min.
max.
C
G 1
1
2
B
C0TA0
Banjo Flow Control
(out)
4
R1/8
30,5
35,0
40,0
14,5 8,0
16,5
9,5
11
C0TAO0418
4
R1/4
34,5
40,0
45,5
18,0 10,0
16,5
9,5
15
C0TAO0428
6
R1/8
31,0
35,0
31,0
14,5 8,0
17,5
12,0 11
C0TAO0618
6
R1/4
35,0
40,0
45,5
18,0 10,0
17,5
12,0 15
C0TAO0628
6
R3/8
38,5
46,5
55,0
21,0 11,0
17,5
12,0 19
C0TAO0638
8
R1/8
33,0
35,0
40,0
15,5 8,0
18,5
14,0 11
C0TAO0818
8
R1/4
37,0
40,0
45,5
19,0 10,0
18,5
14,0 15
C0TAO0828
8
R3/8
40,0
46,5
55,0
21,0 11,0
18,5
14,0 19
C0TAO0838
8
R1/2
46,0
53,0
60,0
25,0 14,0
18,5
14,0 24
C0TAO0848
10
R1/4
39,0
40,0
45,5
20,0 10,0
19,5
16,5 15
C0TAO1028
10
R3/8
42,0
46,5
55,0
22,5 11,0
19,5
16,5 19
C0TAO1038
10
R1/2
47,5
53,0
60,0
25,0 14,0
19,5
16,5 24
C0TAO1048
12
R1/4
41,0
40,0
45,5
22,0 10,0
22,0
19,0 15
C0TAO1228
12
R3/8
46,0
46,5
55,0
23,0 11,0
22,0
19,0 19
C0TAO1238
12
R1/2
50,0
53,0
60,0
27,0 14,0
22,0
19,0 24
C0TAO1248
Control flow, see Page 4
Ø A
B
C
C1
E
G
G1
Ø K
Typ
min.
max.
C
G 1
1
2
B
C0K51
3
M5
21,5
27,0
30,0
9,5
3,5
11,0
7,5
8
COK510305
4
M5
25,0
27,0
30,0
10,0 3,5
16,5
9,5
15
COK510405
4
G1/8
30,5
35,0
40,0
15,0 6,0
16,5
9,5
8
COK510418
4
G1/4
34,5
40,0
45,5
17,0 8,0
16,5
9,5
12
COK510428
6
M5
28,0
27,0
30,0
11,0 3,5
17,5
12,0 8
COK510605
6
G1/8
31,0
35,0
40,0
15,0 6,0
17,5
12,0 8
COK510618
6
G1/4
35,0
40,0
45,5
17,0 8,0
17,5
12,0 12
COK510628
6
G3/8
38,5
46,5
55,0
21,0 8,0
17,5
12,0 14
COK510638
8
G1/8
33,0
35,0
40,0
14,0 6,0
18,5
14,0 8
COK510818
8
G1/4
37,0
40,0
45,5
16,0 8,0
18,5
14,0 12
COK510828
8
G3/8
40,0
46,5
55,0
21,0 8,0
18,5
14,0 14
COK510838
8
G1/2
46,0
53,0
60,0
22,5 9,0
18,5
14,0 19
COK510848
10
G1/4
39,0
40,0
45,5
18,0 8,0
19,5
16,5 12
COK511028
10
G3/8
42,0
46,5
55,0
19,5 8,0
19,5
16,5 14
COK511038
10
G1/2
47,5
53,0
60,0
22,5 9,0
19,5
16,5 19
COK511048
12
G1/4
41,0
40,0
45,5
20,0 8,0
22,0
19,0 12
COK511228
12
G3/8
46,0
46,5
55,0
19,0 8,0
22,0
19,0 14
COK511238
12
G1/2
50,0
53,0
60,0
21,0 9,0
22,0
19,0 19
COK511248
Control flow, see Page 4
12
12
Banjo Flow Control
(out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17