| Moteur de recherche de fiches techniques de composants électroniques |
|
C01250618 Fiches technique(PDF) 6 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01250618 Fiches technique(HTML) 6 Page - Norgren Ltd |
|
6 / 17 page ![]() 02/04 N/UK 9.1.001.06 PNEUFIT® C & PNEUFIT® M Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. C GG 1 Straight Adaptor (Female thread) C0226 Ø A B C G G1 Ø K Typ 4 G1/8 26,5 9,0 16,0 9,5 14 C02260418 4 G1/4 28,5 11,0 16,0 9,5 17 C02260428 4 G3/8 30,0 12,0 16,0 9,5 22 C02260438 6 G1/8 27,5 9,0 16,5 12,0 14 C02260618 6 G1/4 29,5 11,0 16,5 12,0 17 C02260628 6 G3/8 30,0 12,0 16,5 12,0 22 C02260638 8 G1/8 28,5 9,0 17,5 14,0 14 C02260818 8 G1/4 30,5 11,0 17,5 14,0 17 C02260828 8 G3/8 31,5 12,0 17,5 14,0 22 C02260838 8 G1/2 34,5 14,0 17,5 14,0 24 C02260848 10 G1/8 31,5 9,0 18,5 16,5 17 C02261018 10 G1/4 31,5 11,0 18,5 16,5 17 C02261028 10 G3/8 32,5 12,0 18,5 16,5 22 C02261038 10 G1/2 34,5 14,0 18,5 16,5 24 C02261048 12 G1/4 34,5 11,0 21,0 19,0 22 C02261228 12 G3/8 34,5 12,0 21,0 19,0 22 C02261238 12 G1/2 36,5 14,0 21,0 19,0 24 C02261248 Ø A Ø A1 C F G Ø K1 Typ F C G C0023 6 4 41,0 21,5 13,0 9,5 C00230604 8 4 42,0 22,5 13,0 9,5 C00230804 8 6 44,5 23,5 13,5 12,0 C00230806 10 6 47,5 26,5 13,5 12,0 C00231006 10 8 49,5 27,5 14,0 14,0 C00231008 12 6 52,0 29,5 13,5 12,0 C00231206 12 8 52,5 30,5 14,0 14,0 C00231208 12 10 56,5 31,0 15,0 16,5 C00231210 16 12 57,5 33,0 18,5 19,0 C00231612 F C G Ø A Ø A1 C F G Ø K Typ 6 4 41,0 24,0 13,5 12,0 C00230406 8 6 44,0 26,5 14,0 14,0 C00230608 C0023 C O P G C0029 Bulkhead Union Ø A B C G Ø K O P Typ 4 M12x1 35,5 16,5 9,5 24,5 4 14 C00290400 6 M14x1 40,0 17,5 12,0 27,5 4 17 C00290600 8 M16x1 42,0 18,5 14,0 29,5 5 19 C00290800 10 M20x1 45,0 19,5 16,5 31,5 5 24 C00291000 12 M22x1 50,5 22,0 19,0 36,0 5 26 C00291200 C Stem Union (Unequal) Ø A C Typ 4 37,0 C00220400 6 38,0 C00220600 8 41,0 C00220800 10 44,0 C00221000 12 49,0 C00221200 16 53,0 C00221600 C 1 G 1 PG Straight Adaptor (Female bulkhead) C0232 Ø A B B1 C G G1 Ø K P 1 Typ 4 G1/8 M12x1 26,5 9,0 17,0 9,5 4 14 14 C02320418 4 G1/4 M12x1 29,0 11,0 17,0 9,5 4 17 17 C02320428 4 G3/8 M12x1 30,0 12,0 17,0 9,5 4 17 19 C02320438 6 G1/8 M14x1 28,5 9,0 17,5 12,0 4 17 17 C02320618 6 G1/4 M14x1 30,5 11,0 17,5 12,0 4 17 17 C02320628 6 G3/8 M14x1 31,5 12,0 17,5 12,0 4 17 22 C02320638 8 G1/8 M16x1 29,5 9,0 18,5 14,0 5 19 19 C02320818 8 G1/4 M16x1 31,5 11,0 18,5 14,0 5 19 19 C02320828 8 G3/8 M16x1 32,5 12,0 18,5 14,0 5 19 22 C02320838 10 G1/4 M20x1 32,5 11,0 19,5 16,5 5 24 24 C02321028 10 G3/8 M20x1 33,5 12,0 19,5 16,5 5 24 24 C02321038 10 G1/2 M20x1 36,0 14,0 19,5 16,5 5 24 24 C02321048 12 G1/4 M22x1 38,0 11,0 22,0 19,0 5 28 24 C02321228 12 G3/8 M22x1 38,0 12,0 22,0 19,0 5 26 24 C02321238 12 G1/2 M22x1 40,0 14,0 22,0 19,0 5 26 24 C02321248 C0022 Stem Reducer (Stem/tube) Stem Expander (Stem/tube) |