Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C01250618 Fiches technique(PDF) 8 Page - Norgren Ltd

No de pièce C01250618
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250618 Fiches technique(HTML) 8 Page - Norgren Ltd

Back Button C01250618 Datasheet HTML 4Page - Norgren Ltd C01250618 Datasheet HTML 5Page - Norgren Ltd C01250618 Datasheet HTML 6Page - Norgren Ltd C01250618 Datasheet HTML 7Page - Norgren Ltd C01250618 Datasheet HTML 8Page - Norgren Ltd C01250618 Datasheet HTML 9Page - Norgren Ltd C01250618 Datasheet HTML 10Page - Norgren Ltd C01250618 Datasheet HTML 11Page - Norgren Ltd C01250618 Datasheet HTML 12Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
02/04
N/UK 9.1.001.08
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
E
G1
ø A 1
C0043
Stem Elbow
Ø A
Ø A1
C
E
G1
F
Ø K
Typ
4
4
28,5
19,0
17,0
22,0
9,5
C00430400
6
6
31,5
20,5
17,5
24,0
12,0
C00430600
8
8
34,5
23,0
19,0
26,0
14,0
C00430800
10
10
38,0
24,0
19,5
28,0
16,5
C00431000
12
12
41,0
28,0
22,0
30,0
19,0
C00431200
16
16
48,5
32,0
24,0
35,0
25,0
C00431600
E
B
G 1
C0154, C0254
90° Swivel Elbow Adaptor
(Extended)
Ø A
B
C
E
G
G1
Ø K
Typ
4
M5
33,5
18,5
4,6
17,0
9,5
10
C02540405
4
M6
33,0
18,5
4,6
17,0
9,5
10
C02540406
4
R1/8
35,5
18,5
8,0
17,0
9,5
10
C01540418
4
R1/4
37,5
18,5
10,0
17,0
9,5
14
C01540428
4
R3/8
38,5
18,5
11,0
17,0
9,5
17
C01540438
6
M5
38,0
20,5
4,5
17,5
12,0
12
C02540605
6
M6
37,5
20,5
4,5
17,5
12,0
12
C02540606
6
R1/8
40,0
20,5
8,0
17,5
12,0
12
C01540618
6
R1/4
42,0
20,5
10,0
17,5
12,0
14
C01540628
6
R3/8
43,0
20,5
11,0
17,5
12,0
17
C01540638
6
R1/2
46,0
20,5
14,0
17,5
12,0
22
C01540648
8
R1/8
44,0
23,0
8,0
18,5
14,0
14
C01540818
8
R1/4
46,0
23,0
10,0
18,5
14,0
14
C01540828
8
R3/8
47,0
23,0
11,0
18,5
14,0
17
C01540838
8
R1/2
50,0
23,0
14,0
18,5
14,0
22
C01540848
10
R1/8
47,5
23,5
8,0
19,5
16,5
17
C01541018
10
R1/4
49,5
23,5
10,0
19,5
16,5
17
C01541028
10
R3/8
50,5
23,5
11,0
19,5
16,5
17
C01541038
10
R1/2
53,5
23,5
14,0
19,5
16,5
22
C01541048
12
R1/8
54,0
27,5
8,0
22,0
19,0
19
C01541218
12
R1/4
56,0
27,5
10,0
22,0
19,0
19
C01541228
12
R3/8
57,0
27,5
11,0
22,0
19,0
19
C01541238
12
R1/2
60,0
27,5
14,0
22,0
19,0
22
C01541248
16
R3/8
69,0
32,5
11,0
24,0
25,0
24
C01541638
16
R1/2
72,0
32,5
14,0
24,0
25,0
24
C01541648
E
B
G 1
C0148/C0248
90° Swivel Elbow Adaptor
(Female)
Ø A
B
C
E
G
G1
Ø K
Typ
4
M5
21,5
18,5
4,5
17,0
9,5
10
C02480405
4
M6
21,5
18,5
4,5
17,0
9,5
10
C02480406
4
R1/8
22,5
18,5
9,0
17,0
9,5
14
C01480418
4
R1/4
24,5
18,5
11,0
17,0
9,5
17
C01480428
6
M5
23,5
20,5
4,5
17,5
12,0
12
C02480605
6
M6
23,5
20,5
4,5
17,5
12,0
12
C02480606
6
R1/8
24,5
20,5
9,0
17,5
12,0
14
C01480618
6
R1/4
26,5
20,5
11,0
17,5
12,0
17
C01480628
6
R3/8
27,5
20,5
12,0
17,5
12,0
21
C01480638
8
R1/8
26,0
23,0
9,0
18,5
14,0
14
C01480818
8
R1/4
28,0
23,0
11,0
18,5
14,0
17
C01480828
8
R3/8
29,0
23,0
12,0
18,5
14,0
22
C01480838
10
R1/4
28,5
23,5
11,0
19,5
16,5
17
C01481028
10
R3/8
29,5
23,5
12,0
19,5
16,5
22
C01481038
10
R1/2
31,5
23,5
14,0
19,5
16,5
24
C01481048
12
R1/4
31,5
27,5
11,0
22,0
19,0
19
C01481228
12
R3/8
32,5
27,5
12,0
22,0
19,0
22
C01481238
12
R1/2
34,5
27,5
14,0
22,0
19,0
24
C01481248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17