Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C01250618 Fiches technique(PDF) 7 Page - Norgren Ltd

No de pièce C01250618
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250618 Fiches technique(HTML) 7 Page - Norgren Ltd

Back Button C01250618 Datasheet HTML 3Page - Norgren Ltd C01250618 Datasheet HTML 4Page - Norgren Ltd C01250618 Datasheet HTML 5Page - Norgren Ltd C01250618 Datasheet HTML 6Page - Norgren Ltd C01250618 Datasheet HTML 7Page - Norgren Ltd C01250618 Datasheet HTML 8Page - Norgren Ltd C01250618 Datasheet HTML 9Page - Norgren Ltd C01250618 Datasheet HTML 10Page - Norgren Ltd C01250618 Datasheet HTML 11Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
02/04
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
N/UK 9.1.001.07
C
F
Ø A
Ø A1
C
F
Typ
4
4
30,0
17,5
C00040400
6
6
34,0
18,5
C00040600
8
8
38,0
21,0
C00040800
10
10
42,0
24,0
C00041000
12
12
46,0
29,5
C00041200
16
16
50,0
30,0
C00041600
C0004
C
F
C0022
Stem Union
(Unequal)
Ø A
Ø A1
C
F
Typ
4
6
38,0
18,0
C00220604
6
8
41,5
20,5
C00220806
8
10
43,5
21,5
C00221008
10
12
46,5
22,5
C00221210
12
16
52,0
25,0
C00221612
C
G
C0012
Cap
(Female plug)
Ø A
Ø A1
C
G
Ø K
Typ
4
10,5
18,0
17,0
9,5
C00120400
6
12,5
19,0
17,5
12,0
C00120600
8
14,5
21,0
18,5
14,0
C00120800
10
17,5
23,0
19,5
16,5
C00121000
12
19,5
25,0
22,0
19,0
C00121200
16
24,0
25,0
18,0
25,0
C00121600
ø K
E
G
O
C0040
Ø A
Ø D
E
G
H
Ø K
O
Typ
4
3,3
19,0
15,5 8,5
9,5
10,5 C00400400
6
3,3
21,0
17,5 7,5
12,0
12,5 C00400600
8
4,3
22,5
18,5 9,0
14,0
14,5 C00400800
10
4,3
26,0
20,0 12,0 16,5
18,0 C00401000
12
4,3
30,0
23,0 13,5 19,0
21,0 C00401200
16
4,3
34,0
24,0 16,0 25,0
25,5 C00401600
E
G 1
B
C0247
90° Swivel Elbow Adaptor
Ø A
B
C
E
G
G1
Ø K
Typ
4
M5
22,0
18,5
4,5
17,0
9,5
10
C02470405
4
M6
22,0
18,5
4,5
17,0
9,5
10
C02470406
4
G1/8
22,5
18,5
6,0
17,0
9,5
14
C02470418
4
G1/4
24,5
18,5
8,0
17,0
9,5
17
C02470428
4
G3/8
24,5
18,5
8,0
17,0
9,5
20
C02470438
6
M5
24,0
20,5
4,5
17,0
12,0 12
C02470605
6
M6
24,0
20,5
4,5
17,5
12,0 12
C02470606
6
G1/8
24,5
20,5
6,0
17,5
12,0 14
C02470618
6
G1/4
26,5
20,5
8,0
17,5
12,0 17
C02470628
6
G3/8
26,5
20,5
9,0
17,5
12,0 20
C02470638
8
G1/8
26,0
23,0
8,0
18,5
14,0 14
C02470818
8
G1/4
28,0
23,0
8,0
18,5
14,0 21
C02470828
8
G3/8
28,0
23,0
9,0
18,5
14,0 20
C02470838
8
G1/2
29,0
23,0
10,0
18,5
14,0 24
C02470848
10
G1/8
26,5
23,5
6,0
19,5
16,5 17
C02471018
10
G1/4
28,5
23,5
8,0
19,5
16,5 17
C02471028
10
G3/8
28,5
23,5
9,0
19,5
16,5 20
C02471038
10
G1/2
29,5
23,5
10,0
19,5
16,5 24
C02471048
12
G1/4
32,5
27,5
8,0
22,0
19,0 19
C02471228
12
G3/8
32,5
27,5
9,0
22,0
19,0 20
C02471238
12
G1/2
32,5
27,5
10,0
22,0
19,0 24
C02471248
16
G3/8
41,0
32,5
9,0
24,0
25,0 24
C02471638
16
G1/2
42,0
32,5
10,0
24,0
25,0 24
C02471648
E
B
G 1
90° Swivel Elbow Adaptor
C0147
Ø A
B
C
E
G
G1
Ø K
Typ
4
R1/8
24,5
18,5
8,0
17,0
9,5
10
C01470418
4
R1/4
26,5
18,5
10,0
17,0
9,5
14
C01470428
4
R3/8
27,5
18,5
11,0
17,0
9,5
17
C01470438
6
R1/8
26,5
20,5
8,0
17,5
12,0
12
C01470618
6
R1/4
29,5
20,5
10,0
17,5
12,0
14
C01470628
6
R3/8
30,5
20,5
11,0
17,5
12,0
17
C01470638
6
R1/2
33,5
20,5
14,0
17,5
12,0
22
C01470648
8
R1/8
28,0
23,0
8,0
18,5
14,0
14
C01470818
8
R1/4
31,0
23,0
10,0
18,5
14,0
14
C01470828
8
R3/8
32,0
23,0
11,0
18,5
14,0
17
C01470838
8
R1/2
35,0
23,0
14,0
18,5
14,0
22
C01470848
10
R1/8
28,5
23,5
8,0
19,5
16,5
17
C01471018
10
R1/4
31,5
23,5
10,0
19,5
16,5
17
C01471028
10
R3/8
32,5
23,5
11,0
19,5
16,5
17
C01471038
10
R1/2
35,5
23,5
14,0
19,5
16,5
22
C01471048
12
R1/8
32,5
27,5
8,0
22,0
19,0
19
C01471218
12
R1/4
34,5
27,5
10,0
22,0
19,0
19
C01471228
12
R3/8
35,5
27,5
11,0
22,0
19,0
19
C01471238
12
R1/2
38,5
27,5
14,0
22,0
19,0
22
C01471248
16
R3/8
43,0
32,5
11,0
24,0
25,0
24
C01471638
16
R1/2
46,0
32,5
14,0
24,0
25,0
24
C01471648
Plug
Union Elbow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17