| Moteur de recherche de fiches techniques de composants électroniques |
|
C01250618 Fiches technique(PDF) 16 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01250618 Fiches technique(HTML) 16 Page - Norgren Ltd |
|
16 / 17 page ![]() 02/04 PNEUFIT® C & PNEUFIT® M Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. N/UK 9.1.001.016 C G G1 Ø A Ø A1 C G G1 Ø K Ø K1 Typ Straight Union (Unequal) M0020 4 3 24,0 11,5 11,0 8 7 M00200403 6 3 24,0 13,0 11,0 10 7 M00200603 6 4 26,5 13,0 11,5 10 8 M00200604 G G 1 C Ø A B C G G1 Ø K Type Straight Adaptor (External + internal hex) M0125, M0225 3 M3 17,0 4,0 11,0 7,0 7 M02250303 3 M5 17,5 4,5 11,0 7,0 8 M02250305 3 M6 18,0 5,0 11,0 7,0 8 M02250306 4 M3 17,5 4,0 11,5 8,0 8 M02250403 4 M5 18,0 4,5 11,5 8,0 8 M02250405 4 M6 19,0 5,0 11,5 8,0 8 M02250406 4 R1/8 19,0 6,0 11,5 8,0 12 M01250418 6 M5 19,5 4,5 13,0 10,0 10 M02250605 6 M6 20,0 5,0 13,0 10,0 10 M02250606 6 R1/8 19,5 8,0 13,0 10,0 12 M01250618 G G 1 C Ø A B C G G1 Ø K 1 Typ Straight Adaptor (Internal hex only) M012A, M022A 3 M3 17,0 4,0 11,0 7,0 1,5 M022A0303 3 M5 17,5 4,5 11,0 7,0 2,0 M022A0305 3 M6 18,0 5,0 11,0 8,0 2,0 M022A0306 4 M3 17,5 4,0 11,5 8,0 1,5 M022A0403 4 M5 19,0 4,5 11,5 8,0 2,5 M022A0405 4 M6 19,0 5,0 11,5 8,0 3,0 M022A0406 4 R1/8 17,5 8,0 11,5 8,0 3,0 M012A0418 6 M5 19,5 4,5 13,0 10,0 2,5 M022A0605 6 M6 20,0 5,0 13,0 10,0 3,0 M022A0606 6 R1/8 19,5 8,0 13,0 10,0 2,5 M012A0618 Ø A C G Ø K Typ 3 23,5 11,0 7 M00200300 4 26,0 11,5 8 M00200400 6 26,5 13,0 10 M00200600 C G Straight Union M0020 G G 1 C Ø A B C G G1 Ø K Typ Straight Adaptor (Female thread) M0126, M0226 3 M3 17,5 4,0 11,0 7,0 8 M02260303 3 M5 19,0 6,0 11,0 7,0 8 M02260305 3 M6 19,0 6,0 11,0 7,0 8 M02260306 4 M3 18,0 4,0 11,5 8,0 8 M02260403 4 M5 19,5 6,0 11,5 8,0 8 M02260405 4 M6 19,5 6,0 11,5 8,0 8 M02260406 4 R1/8 23,0 8,5 11,5 8,0 12 M01260418 6 M5 21,5 6,0 13,0 10,0 10 M02260605 6 M6 21,5 6,0 13,0 10,0 10 M02260606 6 R1/8 25,5 8,5 13,0 10,0 12 M01260618 ø K E G O Ø A Ø D E G H Ø K O Typ Union Elbow M0040 3 3,2 13,5 11,0 5,5 7,0 7,5 M00400300 4 3,2 14,5 11,5 6,0 8,0 8,5 M00400400 6 3,2 16,5 13,0 7,0 10,0 10,5 M00400600 Ø A B C E G G1 Ø K Typ E B G 1 90˚ Swivel Elbow Adaptor M0147, M0247 3 M3 16,0 13,5 3,0 11,0 7,0 8 M02470303 3 M5 17,0 13,5 4,0 11,0 7,0 8 M02470305 3 M6 17,0 13,5 4,0 11,0 7,0 8 M02470306 4 M3 16,0 14,5 3,0 11,5 8,0 8 M02470403 4 M5 17,0 14,5 4,0 11,5 8,0 8 M02470405 4 M6 17,0 14,5 4,0 11,5 8,0 8 M02470406 4 R1/8 18,0 14,5 6,0 11,5 8,0 14 M01470418 6 M5 17,0 15,5 3,5 13,0 10,0 8 M02470605 6 M6 17,0 15,5 4,0 13,0 10,0 8 M02470606 6 R1/8 18,0 15,5 5,0 12,0 10,0 14 M01470618 |