Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 15Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 16Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 17Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 18Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 19Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 20Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 21Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 22Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 295 page
background image
Table 1.15
Pin functions (7 of 7)
Function
Signal
I/O
Description
Analog power
supply
AVCC0
Input
Analog voltage supply pin. This is used as the analog power supply for the
respective modules.
AVSS0
Input
Analog ground pin. This is used as the analog ground for the respective modules.
Supply this pin with the same voltage as the VSS pin.
VREFH
Input
Analog reference voltage supply pin for the ADC16H (unit 1) and D/A Converter.
Connect this pin to AVCC0 when not using the ADC16H (unit 1) and D/A Converter.
VREFL
Input
Analog reference ground pin for the ADC16H and D/A Converter. Connect this pin
to AVSS0 when not using the ADC16H (unit 1) and D/A Converter.
VREFH0
Input
Analog reference voltage supply pin for the ADC16H (unit 0). Connect this pin to
AVCC0 when not using the ADC16H (unit 0).
VREFL0
Input
Analog reference ground pin for the ADC16H. Connect this pin to AVSS0 when not
using the ADC16H (unit 0).
ADC16H
ANxxx
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRGm
Input
Input pins for the external trigger signals that start the A/D conversion, active-low.
ADSTm
Output AD conversion start
ADmFLAG1
Output AD conversion end
ADSYNC
Output Synchronization signal between units
DAC12
DAn
Output Output pins for the analog signals processed by the D/A converter.
ACMPHS
VCOUT
Output Comparator output pin
IVREFn
Input
Reference voltage input pins for comparator
IVCMPn
Input
Analog voltage input pins for comparator
I/O ports
Pmn
I/O
General-purpose input/output pins (m: port number, n: pin number)
P200
Input
General-purpose input pin
CEU
VIO_D15 to VIO_D0
Input
CEU data bus pins
VIO_CLK
Input
CEU clock pins
VIO_VD
Input
CEU vertical sync pins
VIO_HD
Input
CEU horizontal sync pins
VIO_FLD
Input
Field signal pins
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 19 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com