Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 12 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 12 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 14Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 15Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 295 page
background image
Table 1.14
Function Comparison (2 of 2)
Parts number
R7KA8M2
AxxCAC
R7KA8M2
JxxCAC
R7KA8M2
AxxCAB
R7KA8M2
JxxCAB
R7KA8M2
AxxCAM
R7KA8M2
JxxCAM
R7KA8M2
AxxCHC
R7KA8M2
JxxCHC
R7JA8M2
JxxSAJ
Timers
GPT32*1
14
PDG
4
AGT*1
2
ULPT*1
2
RTC
Yes
Analog
ADC16H
Unit 0: 15, Unit 1: 15
Unit 0: 7, Unit 1: 5
Unit 0: 13, Unit 1: 11
Unit 0: 7, Unit 1: 5
Unit 0: 15,
Unit 1: 15
DAC12
2
ACMPHS
4
TSN
Yes
HMI
CEU
Yes
Yes*6
Yes
Data
processing
CRC
Yes
DOC
Yes
Event
control
ELC
Yes
Security
RSIP-E50D, Decryption on-the-fly, Secure Debug, OTP, TrustZone, and Lifecycle management
Note:
The product name differs depending on the supported memory size. See section 1.3. Part Numbering.
Note:
The maximum frequency varies by product group.
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. OSPI1 is connected to the serial Flash in the SiP product.
Note 3. OM_0_ECSINT1, OM_0_RSTO1 and OM_0_WP1 pins are not supported.
Note 4. Only SD1CLK_B, SD1CMD_B, SD1DAT0_B to SD1DAT3_B and SD1WP_B pins are supported.
Note 5. Only port 1 is supported.
Note 6. 16-bit interface is not supported.
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 12 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com