Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 77 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 77 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 73Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 74Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 75Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 76Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 77Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 78Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 79Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 80Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 295 page
background image
Table 2.33
Standby current (DCDC mode) (1 of 4)
Parameter
Symbol
Typ
Max
Uni
t
Test conditions
95 °C 105
°C
125
°C
Supply
current*1
Software
Standby
mode
ICC
0.1
0
1.11
1.12
1.14
mA
—
SS2LP_
0
SVSCR
_1
Data of SRAM
and TCM is
retained
ICC_DCDC 2.6
7
54.24 62.23 78.41
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 2.4
4
52.53 59.86 74.47
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_2
Data of SRAM
and TCM is
retained
ICC_DCDC 2.5
2
51.58 59.19 74.81
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 2.3
3
50.03 57.09 71.10
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_3
Data of SRAM
and TCM is
retained
ICC_DCDC 1.6
8
37.85 43.60 56.69
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.6
0
36.87 42.22 54.07
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_4
Data of SRAM
and TCM is
retained
ICC_DCDC 1.4
7
32.41 38.22 49.79
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.4
2
31.61 37.07 47.62
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_5
Data of SRAM
and TCM is
retained
ICC_DCDC 1.2
8
29.69 34.28 44.67
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.2
4
29.03 33.32 42.82
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 77 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com