Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 59 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 59 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 55Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 56Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 57Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 58Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 59Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 60Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 61Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 62Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 295 page
background image
Table 2.10
Current of high-speed mode, maximum condition (MVE and peripheral operation), CPU0 active, CPU1
Deep Sleep (DCDC mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C 125 °C
Supply
current
*1*2*5
—
ICC
3.85
6.27
6.69
8.01
mA
—
CPUC
LK0 =
1 GHz
CPUC
LK1 =
250
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5V
ICC_DCDC *4 168
329
—
—
mA
VCC_DCDC = 3.3 V
MRICLK = 250 MHz, MRPCLK = 125 MHz,
ICLK = 250 MHz, BCLK = 125 MHz, PCLKA
= 125 MHz, PCLKB = 62.5 MHz, PCLKC =
125 MHz, PCLKD = 250 MHz, PCLKE = 250
MHz
CPU1 = Deep Sleep
IDD *3
430
844
—
—
VCC_DCD
C < 2.5V
ICC_DCDC *4 327
642
—
—
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
430
844
—
—
CPUC
LK0 =
800
MHz
CPUC
LK1 =
200
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5V
ICC_DCDC *4 141
—
347
—
mA
VCC_DCDC = 3.3 V
MRICLK = 200 MHz, MRPCLK = 100 MHz,
ICLK = 200 MHz, BCLK = 100 MHz, PCLKA
= 100MHz, PCLKB = 50 MHz, PCLKC =
100 MHz, PCLKD = 200 MHz, PCLKE = 200
MHz
CPU1 = Deep Sleep
IDD *3
362
—
891
—
VCC_DCD
C < 2.5V
ICC_DCDC *4 275
—
678
—
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
362
—
891
—
CPUC
LK0 =
600
MHz
CPUC
LK1 =
200
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5V
ICC_DCDC *4 122
—
—
380
mA
VCC_DCDC = 3.3 V
MRICLK = 200 MHz, MRPCLK = 100 MHz,
ICLK = 200 MHz, BCLK = 100 MHz, PCLKA
= 100 MHz, PCLKB = 50 MHz, PCLKC =
100 MHz, PCLKD = 200 MHz, PCLKE = 200
MHz
CPU1 = Deep Sleep
IDD *3
312
—
—
976
VCC_DCD
C < 2.5V
ICC_DCDC *4 237
—
—
742
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
312
—
—
976
CPUC
LK0 =
600
MHz
CPUC
LK1 =
150
MHz
VSCR_
2
VCC_DCD
C ≥ 2.5V
ICC_DCDC *4 110
274
301
359
mA
VCC_DCDC = 3.3 V
MRICLK = 150 MHz, MRPCLK = 75 MHz,
ICLK = 150 MHz, BCLK = 75 MHz, PCLKA
= 75 MHz, PCLKB = 37.5 MHz, PCLKC =
75 MHz, PCLKD = 150 MHz, PCLKE = 150
MHz
CPU1 = Deep Sleep
IDD *3
289
718
788
940
VCC_DCD
C < 2.5V
ICC_DCDC *4 216
536
588
701
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
289
718
788
940
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows.
IDD Typ. = 0.25 × fCPUCLK0 + 0.71 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 95℃) = 0.22 × fCPUCLK0 + 0.70 × fICLK + 474 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 105℃) = 0.22 × fCPUCLK0 + 0.70 × fICLK + 549 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 125℃) = 0.22 × fCPUCLK0 + 0.70 × fICLK + 704 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 95℃) = 0.22 × fCPUCLK0 + 0.83 × fICLK + 461 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 105℃) = 0.22 × fCPUCLK0 + 0.83 × fICLK + 533 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 125℃) = 0.22 × fCPUCLK0 + 0.83 × fICLK + 686 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. Typical DCDC efficiency and the voltage of the test conditions are applied.
Note 5. The power consumption is calculated as Power = VCC × Icc + VCC_DCDC × Icc_DCDC.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 59 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com