Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 3 Page - Renesas Technology Corp

  R7KA8M2ADECAC Datasheet HTML 1Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 2Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 3Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 4Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 5Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 6Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 295 page
background image
Table 1.2
Memory (2 of 2)
Feature
Functional description
SRAM
On-chip high-speed SRAM with Error Correction Code (ECC).
OTP
On-chip OTP contains First Stage Bootloader (FSBL)
General purpose 96-byte OTP
Table 1.3
System
Feature
Functional description
Operating modes
Three operating modes:
● Single-chip mode
● JTAG boot mode
● SCI/USB boot mode
Resets
This MCU provides the following 21 types of reset.
Programmable Voltage Detection (PVD) The Programmable Voltage Detection (PVD) module monitors the voltage level input to the VCC
pin. The detection level can be selected by register settings. The PVD module consists of five
separate voltage level detectors (PVD0, PVD1, PVD2, PVD4, PVD5). These PVDs measure the
voltage level input to the VCC pin. PVD registers allow your application to configure detection of
VCC changes at various voltage thresholds.
Clocks
● Main clock oscillator (MOSC)
● Sub-clock oscillator (SOSC)
● High-speed on-chip oscillator (HOCO)
● Middle-speed on-chip oscillator (MOCO)
● Low-speed on-chip oscillator (LOCO)
● PLL1/PLL2
● Clock out support
Clock Frequency Accuracy
Measurement Circuit (CAC)
The Clock Frequency Accuracy Measurement Circuit (CAC) counts pulses of the clock to
be measured (measurement target clock) within the time generated by the clock selected
as the measurement reference (measurement reference clock), and determines the accuracy
depending on whether the number of pulses is within the allowable range. When measurement
is complete or the number of pulses within the time generated by the measurement reference
clock is not within the allowable range, an interrupt request is generated.
Interrupt Controller Unit (ICU)
The Interrupt Controller Unit (ICU) controls which event signals are linked to the Nested Vector
Interrupt Controller (NVIC), DMA Controller (DMAC) module and the Data Transfer Controller
(DTC) modules. The ICU also controls non-maskable interrupts.
Low power modes
Power consumption can be reduced in multiple ways, including setting clock dividers, controlling
EBCLK output, controlling SDCLK output, stopping modules, power gating control, selecting
operating power control modes in normal operation, and transitioning to low power modes and
processor low power modes.
Battery backup function
A battery backup function is provided for partial powering by a battery. The battery-powered
area includes the RTC, SOSC, backup register, tamper detection and VBATT_R voltage drop
detection and switch between VCC and VBATT.
Register write protection
The register write protection function protects important registers from being overwritten due to
software errors. The registers to be protected are set with the Protect Register (PRCR_S and
PRCR_NS).
Memory Protection Unit (MPU)
All bus masters have Memory Protection Units (MPUs).
Table 1.4
Event link
Feature
Functional description
Event Link Controller (ELC)
The Event Link Controller (ELC) uses the event requests generated by various peripheral
modules as source signals to connect them to different modules, allowing direct link between
the modules without CPU intervention.
Table 1.5
Direct memory access (1 of 2)
Feature
Functional description
Data Transfer Controller (DTC)
A Data Transfer Controller (DTC) module is provided for transferring data when activated by an
interrupt request.
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 3 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com