Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECAC Fiches technique(PDF) 87 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC Fiches technique(HTML) 87 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 83Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 84Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 85Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 86Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 87Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 88Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 89Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 90Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 295 page
background image
Table 2.39
Operating current (Analog) (2 of 2)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95
°C
105
°C
125
°C
Supply
current*1
USB operating
current
Low speed
USBFS
ICCUSBLS 2.9
4.0
4.0
4.0
mA
VCC_USB
USBHS
11.51 14.6
14.6
14.6
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
5.04
6.8
6.8
6.8
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
Full speed
USBFS
ICCUSBFS 4.0
4.7
4.7
4.7
mA
VCC_USB
USBHS
12.45 14.7
14.7
14.7
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
5.98
6.9
6.9
6.9
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
High speed
USBHS
ICCUSBH
S
45.71 55.3
55.3
55.3
mA
VCC_USBHS =
AVCC_USBHS
Standby mode
(direct power down)
USBHS
ICCUSBSB
Y
0.89
11.4
11.4
11.4
μA
VCC_USBHS =
AVCC_USBHS
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD21 (16-Bit A/D Converter Module Stop bit) is in the
module-stop state.
100.00
1 10.00
(_)
0
(_)
0
I
(_)
u 1.00
0.10
.
-50
,,
,'I
,,_
--
-
-25
0
25
---1
,-
,,
,,
,, f
,,
,,
,,
,-
50
75
100
125
Tj [ °C]
--Average value of the tested middle samples during product evaluation.
----·Average value of the tested upper-limit samples during product evaluation.
-
-
150
Figure 2.3
Temperature dependency in Software Standby mode (ICC_DCDC, SS2LP_0, SVSCR_1)
(reference data)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 87 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com