Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103XC Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 26Page - STMicroelectronics STM32F103XC Datasheet HTML 27Page - STMicroelectronics STM32F103XC Datasheet HTML 28Page - STMicroelectronics STM32F103XC Datasheet HTML 29Page - STMicroelectronics STM32F103XC Datasheet HTML 30Page - STMicroelectronics STM32F103XC Datasheet HTML 31Page - STMicroelectronics STM32F103XC Datasheet HTML 32Page - STMicroelectronics STM32F103XC Datasheet HTML 33Page - STMicroelectronics STM32F103XC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
Pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
30/118
C12 C10 44
70 103
PA11
I/O FT
PA11
USART1_CTS/CANRX
TIM1_CH4(6)/USBDM
B12 B10 45
71 104
PA12
I/O FT
PA12
USART1_RTS/USBDP/
CANTX(6)/TIM1_ETR(6)
A12 A10 46
72 105 PA13/JTMS-SWDIO I/O FT JTMS-SWDIO
PA13
C11 F8
-
73 106
Not connected
G9
E6
47
74 107
VSS_2
SVSS_2
F9
F6
48
75 108
VDD_2
SVDD_2
A11 A9
49
76 109 PA14/JTCK-SWCLK I/O FT JTCK-SWCLK
PA14
A10 A8
50
77 110
PA15/JTDI
I/O FT
JTDI
PA15/SPI3_NSS/
I2S3_WS
TIM2_CH1_ETR
SPI1_NSS
B11 B9
51
78 111
PC10
I/O FT
PC10
UART4_TX/SDIO_D2
USART3_TX
B10 B8
52
79 112
PC11
I/O FT
PC11
UART4_RX/SDIO_D3
USART3_RX
C10 C8 53
80 113
PC12
I/O FT
PC12
UART5_TX/SDIO_CK
USART3_CK
E10 D8
5
81 114
PD0
I/O FT
OSC_IN(7)
FSMC_D2
CANRX
D10 E8
6
82 115
PD1
I/O FT OSC_OUT(7)
FSMC_D3
CANTX
E9
B7
54
83 116
PD2
I/O FT
PD2
TIM3_ETR/UART5_RX
SDIO_CMD
D9
C7
-
84 117
PD3
I/O FT
PD3
FSMC_CLK
USART2_CTS
C9
D7
-
85 118
PD4
I/O FT
PD4
FSMC_NOE
USART2_RTS
B9
B6
-
86 119
PD5
I/O FT
PD5
FSMC_NWE
USART2_TX
E7
---
120
VSS_10
S
F7
---
121
VDD_10
S
A8
C6
-
87 122
PD6
I/O FT
PD6
FSMC_NWAIT
USART2_RX
A9
D6
-
88 123
PD7
I/O FT
PD7
FSMC_NE1/
FSMC_NCE2
USART2_CK
E8
---
124
PG9
I/O FT
FSMC_NE2/
FSMC_NCE3
D8
---
125
PG10
I/O FT
FSMC_NCE4_1/
FSMC_NE3
C8
---
126
PG11
I/O FT
FSMC_NCE4_2
B8
---
127
PG12
I/O FT
FSMC_NE4
D7
---
128
PG13
I/O FT
FSMC_A24
C7
---
129
PG14
I/O FT
FSMC_A25
E6
---
130
VSS_11
S
Table 4.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More