Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103XC Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 24Page - STMicroelectronics STM32F103XC Datasheet HTML 25Page - STMicroelectronics STM32F103XC Datasheet HTML 26Page - STMicroelectronics STM32F103XC Datasheet HTML 27Page - STMicroelectronics STM32F103XC Datasheet HTML 28Page - STMicroelectronics STM32F103XC Datasheet HTML 29Page - STMicroelectronics STM32F103XC Datasheet HTML 30Page - STMicroelectronics STM32F103XC Datasheet HTML 31Page - STMicroelectronics STM32F103XC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
Pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
28/118
M5
-
-
-
49
PF11
I/O
FSMC_NIOS16
L5
-
-
-
50
PF12
I/O
FSMC_A6
H5
---
51
VSS_6
S
G5
---
52
VDD_6
S
K5
-
-
-
53
PF13
I/O
FSMC_A7
M6
-
-
-
54
PF14
I/O
FSMC_A8
L6
-
-
-
55
PF15
I/O
FSMC_A9
K6
-
-
-
56
PG0
I/O
FSMC_A10
J6
-
-
-
57
PG1
I/O
FSMC_A11
M7
H5
-
38
58
PE7
I/O FT
PE7
FSMC_D4
TIM1_ETR
L7
J5
-
39
59
PE8
I/O FT
PE8
FSMC_D5
TIM1_CH1N
K7
K5
-
40
60
PE9
I/O FT
PE9
FSMC_D6
TIM1_CH1
H6
---
61
VSS_7
S
G6
---
62
VDD_7
S
J7
G6
-
41
63
PE10
I/O FT
PE10
FSMC_D7
TIM1_CH2N
H8
H6
-
42
64
PE11
I/O FT
PE11
FSMC_D8
TIM1_CH2
J8
J6
-
43
65
PE12
I/O FT
PE12
FSMC_D9
TIM1_CH3N
K8
K6
-
44
66
PE13
I/O FT
PE13
FSMC_D10
TIM1_CH3
L8
G7
-
45
67
PE14
I/O FT
PE14
FSMC_D11
TIM1_CH4
M8
H7
-
46
68
PE15
I/O FT
PE15
FSMC_D12
TIM1_BKIN
M9
J7
29
47
69
PB10
I/O FT
PB10
I2C2_SCL
USART3_TX(6)
TIM2_CH3
M10 K7
30
48
70
PB11
I/O FT
PB11
I2C2_SDA
USART3_RX(6)
TIM2_CH4
H7
E7
31
49
71
VSS_1
SVSS_1
G7
F7
32
50
72
VDD_1
SVDD_1
M11 K8
33
51
73
PB12
I/O FT
PB12
SPI2_NSS/I2S2_WS/
I2C2_SMBAl/
USART3_CK(6)/
TIM1_BKIN(6)
M12 J8
34
52
74
PB13
I/O FT
PB13
SPI2_SCK/I2S2_CK
USART3_CTS(6)/
TIM1_CH1N
L11 H8 35
53
75
PB14
I/O FT
PB14
SPI2_MISO/TIM1_CH2N
USART3_RTS(6)
Table 4.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More