| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103XC Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XC Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 118 page ![]() STM32F103xC, STM32F103xD, STM32F103xE Pin descriptions 29/118 L12 G8 36 54 76 PB15 I/O FT PB15 SPI2_MOSI/I2S2_SD TIM1_CH3N(6) L9 K9 - 55 77 PD8 I/O FT PD8 FSMC_D13 USART3_TX K9 J9 - 56 78 PD9 I/O FT PD9 FSMC_D14 USART3_RX J9 H9 - 57 79 PD10 I/O FT PD10 FSMC_D15 USART3_CK H9 G9 - 58 80 PD11 I/O FT PD11 FSMC_A16 USART3_CTS L10 K10 - 59 81 PD12 I/O FT PD12 FSMC_A17 TIM4_CH1 / USART3_RTS K10 J10 - 60 82 PD13 I/O FT PD13 FSMC_A18 TIM4_CH2 G8 --- 83 VSS_8 S F8 --- 84 VDD_8 S K11 H10 - 61 85 PD14 I/O FT PD14 FSMC_D0 TIM4_CH3 K12 G10 - 62 86 PD15 I/O FT PD15 FSMC_D1 TIM4_CH4 J12 - - - 87 PG2 I/O FT FSMC_A12 J11 - - - 88 PG3 I/O FT FSMC_A13 J10 - - - 89 PG4 I/O FT FSMC_A14 H12 - - - 90 PG5 I/O FT FSMC_A15 H11 - - - 91 PG6 I/O FT FSMC_INT2 H10 - - - 92 PG7 I/O FT FSMC_INT3 G11 --- 93 PG8 I/O FT G10 --- 94 VSS_9 S F10 --- 95 VDD_9 S G12 F10 37 63 96 PC6 I/O FT PC6 I2S2_MCK/ TIM8_CH1/SDIO_D6 TIM3_CH1 F12 E10 38 64 97 PC7 I/O FT PC7 I2S3_MCK/ TIM8_CH2/SDIO_D7 TIM3_CH2 F11 F9 39 65 98 PC8 I/O FT PC8 TIM8_CH3/SDIO_D0 TIM3_CH3 E11 E9 40 66 99 PC9 I/O FT PC9 TIM8_CH4/SDIO_D1 TIM3_CH4 E12 D9 41 67 100 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(6)/MCO D12 C9 42 68 101 PA9 I/O FT PA9 USART1_TX(6)/ TIM1_CH2(6) D11 D10 43 69 102 PA10 I/O FT PA10 USART1_RX(6)/ TIM1_CH3(6) Table 4. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Default Remap |