Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA751ABC Fiches technique(PDF) 86 Page - Texas Instruments

No de pièce DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Fiches technique(HTML) 86 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 82Page - Texas Instruments DRA751ABC Datasheet HTML 83Page - Texas Instruments DRA751ABC Datasheet HTML 84Page - Texas Instruments DRA751ABC Datasheet HTML 85Page - Texas Instruments DRA751ABC Datasheet HTML 86Page - Texas Instruments DRA751ABC Datasheet HTML 87Page - Texas Instruments DRA751ABC Datasheet HTML 88Page - Texas Instruments DRA751ABC Datasheet HTML 89Page - Texas Instruments DRA751ABC Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
86
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
P27
ddr2_a8
AC23
ddr1_d8
F22
porz
L25
ddr2_d26
AG16
hdmi1_clockx
R28
ddr2_a2
AA26
ddr1_d29
AD25
ddr1_d15
0x1400
CTRL_CORE_PAD_
GPMC_AD0
M6
gpmc_ad0
vin3a_d0
vout3_d0
gpio1_6
sysboot0
0x1404
CTRL_CORE_PAD_
GPMC_AD1
M2
gpmc_ad1
vin3a_d1
vout3_d1
gpio1_7
sysboot1
0x1408
CTRL_CORE_PAD_
GPMC_AD2
L5
gpmc_ad2
vin3a_d2
vout3_d2
gpio1_8
sysboot2
0x140C
CTRL_CORE_PAD_
GPMC_AD3
M1
gpmc_ad3
vin3a_d3
vout3_d3
gpio1_9
sysboot3
0x1410
CTRL_CORE_PAD_
GPMC_AD4
L6
gpmc_ad4
vin3a_d4
vout3_d4
gpio1_10
sysboot4
0x1414
CTRL_CORE_PAD_
GPMC_AD5
L4
gpmc_ad5
vin3a_d5
vout3_d5
gpio1_11
sysboot5
0x1418
CTRL_CORE_PAD_
GPMC_AD6
L3
gpmc_ad6
vin3a_d6
vout3_d6
gpio1_12
sysboot6
0x141C
CTRL_CORE_PAD_
GPMC_AD7
L2
gpmc_ad7
vin3a_d7
vout3_d7
gpio1_13
sysboot7
0x1420
CTRL_CORE_PAD_
GPMC_AD8
L1
gpmc_ad8
vin3a_d8
vout3_d8
gpio7_18
sysboot8
0x1424
CTRL_CORE_PAD_
GPMC_AD9
K2
gpmc_ad9
vin3a_d9
vout3_d9
gpio7_19
sysboot9
0x1428
CTRL_CORE_PAD_
GPMC_AD10
J1
gpmc_ad10
vin3a_d10
vout3_d10
gpio7_28
sysboot10
0x142C
CTRL_CORE_PAD_
GPMC_AD11
J2
gpmc_ad11
vin3a_d11
vout3_d11
gpio7_29
sysboot11
0x1430
CTRL_CORE_PAD_
GPMC_AD12
H1
gpmc_ad12
vin3a_d12
vout3_d12
gpio1_18
sysboot12
0x1434
CTRL_CORE_PAD_
GPMC_AD13
J3
gpmc_ad13
vin3a_d13
vout3_d13
gpio1_19
sysboot13
0x1438
CTRL_CORE_PAD_
GPMC_AD14
H2
gpmc_ad14
vin3a_d14
vout3_d14
gpio1_20
sysboot14
0x143C
CTRL_CORE_PAD_
GPMC_AD15
H3
gpmc_ad15
vin3a_d15
vout3_d15
gpio1_21
sysboot15
0x1440
CTRL_CORE_PAD_
GPMC_A0
R6
gpmc_a0
vin3a_d16
vout3_d16
vin4a_d0
vin4b_d0
i2c4_scl
uart5_rxd
gpio7_3
Driver off
0x1444
CTRL_CORE_PAD_
GPMC_A1
T9
gpmc_a1
vin3a_d17
vout3_d17
vin4a_d1
vin4b_d1
i2c4_sda
uart5_txd
gpio7_4
Driver off
0x1448
CTRL_CORE_PAD_
GPMC_A2
T6
gpmc_a2
vin3a_d18
vout3_d18
vin4a_d2
vin4b_d2
uart7_rxd
uart5_ctsn
gpio7_5
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More