| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA751ABC Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 443 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 56 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Table 4-2. Ball Characteristics(1) (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] 74x [4] MUXMODE [5] TYPE [6] BALL RESET STATE [7] BALL RESET REL. STATE [8] BALL RESET REL. MUXMODE [9] I/O VOLTAGE VALUE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] DSIS [15] B6, D10, E10, H10, H11 vddshv2 vddshv2 PWR B23, D16, D22, E16, E22, G15, H15, H16, H18, H19 vddshv3 vddshv3 PWR C24 vddshv4 vddshv4 PWR V12 vddshv5 vddshv5 PWR AD5, AD7, AE7, AF5 vddshv6 vddshv6 PWR AB6, AB7 vddshv7 vddshv7 PWR W8, Y8 vddshv8 vddshv8 PWR U10, W4, W5 vddshv9 vddshv9 PWR AA21, AA22, AB21, AB22, AB24, AB25, AC22, AD26, AG20, AG28, AH27, W16, W27 vdds_ddr1 vdds_ddr1 PWR E24, G22, G23, H20, H21, H22, J27, L20, L21, M20, M21, T24, T25 vdds_ddr2 vdds_ddr2 PWR AA7, Y7 vdds_mlbp vdds_mlbp PWR J13, K10, K11, K12, K13, L10, L11, L12, M10, M11, M12, M13 vdd_dspeve vdd_dspeve PWR U11, U12, V10, V11, V14, W10, W11, W13 vdd_gpu vdd_gpu PWR U18, U19, V18, V19 vdd_iva vdd_iva PWR K17, K18, L15, L16, L17, L18, L19, M15, M16, M17, M18, N17, N18, P17, P18, R18 vdd_mpu vdd_mpu PWR AB15 vdd_rtc vdd_rtc PWR AG8 vin1a_clk0 vin1a_clk0 No 0 I PD PD 15 1.8/3.3 vddshv6 Yes Dual Voltage LVCMOS PU/PD 0 vout3_d16 (9) No 3 O vout3_fld (9) No 4 O gpio2_30 Yes (7) 14 IO Driver off 15 I |