Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA751ABC Fiches technique(PDF) 64 Page - Texas Instruments

No de pièce DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Fiches technique(HTML) 64 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 60Page - Texas Instruments DRA751ABC Datasheet HTML 61Page - Texas Instruments DRA751ABC Datasheet HTML 62Page - Texas Instruments DRA751ABC Datasheet HTML 63Page - Texas Instruments DRA751ABC Datasheet HTML 64Page - Texas Instruments DRA751ABC Datasheet HTML 65Page - Texas Instruments DRA751ABC Datasheet HTML 66Page - Texas Instruments DRA751ABC Datasheet HTML 67Page - Texas Instruments DRA751ABC Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
64
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
F2
vin2a_d0
vin2a_d0
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vout2_d23
4
O
emu10
5
O
uart9_ctsn
7
I
1
spi4_d0
8
IO
0
kbd_row4
9
I
0
ehrpwm1B
10
O
gpio4_1
14
IO
Driver off
15
I
F3
vin2a_d1
vin2a_d1
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vout2_d22
4
O
emu11
5
O
uart9_rtsn
7
O
spi4_cs0
8
IO
1
kbd_row5
9
I
0
ehrpwm1_tripzone_input
10
IO
0
gpio4_2
14
IO
Driver off
15
I
D3
vin2a_d10
vin2a_d10
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
0
mdio_mclk
3
O
1
vout2_d13
4
O
kbd_col7
9
O
ehrpwm2B
10
O
gpio4_11
14
IO
Driver off
15
I
F6
vin2a_d11
vin2a_d11
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
0
mdio_d
3
IO
1
vout2_d12
4
O
kbd_row7
9
I
0
ehrpwm2_tripzone_input
10
IO
0
gpio4_12
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More