Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA751ABC Fiches technique(PDF) 31 Page - Texas Instruments

No de pièce DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Fiches technique(HTML) 31 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 27Page - Texas Instruments DRA751ABC Datasheet HTML 28Page - Texas Instruments DRA751ABC Datasheet HTML 29Page - Texas Instruments DRA751ABC Datasheet HTML 30Page - Texas Instruments DRA751ABC Datasheet HTML 31Page - Texas Instruments DRA751ABC Datasheet HTML 32Page - Texas Instruments DRA751ABC Datasheet HTML 33Page - Texas Instruments DRA751ABC Datasheet HTML 34Page - Texas Instruments DRA751ABC Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
31
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
L3
gpmc_ad6
gpmc_ad6
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d6
2
I
0
vout3_d6
3
O
gpio1_12
14
IO
sysboot6
15
I
L2
gpmc_ad7
gpmc_ad7
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d7
2
I
0
vout3_d7
3
O
gpio1_13
14
IO
sysboot7
15
I
L1
gpmc_ad8
gpmc_ad8
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d8
2
I
0
vout3_d8
3
O
gpio7_18
14
IO
sysboot8
15
I
K2
gpmc_ad9
gpmc_ad9
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d9
2
I
0
vout3_d9
3
O
gpio7_19
14
IO
sysboot9
15
I
N1
gpmc_advn_ale
gpmc_advn_ale
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
gpmc_cs6
1
O
clkout2
2
O
gpmc_wait1
3
I
1
vin4a_vsync0
4
I
0
gpmc_a2
5
O
gpmc_a23
6
O
timer3
7
IO
i2c3_sda
8
IO
1
dma_evt2
9
I
0
gpio2_23
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More