Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA751ABC Fiches technique(PDF) 34 Page - Texas Instruments

No de pièce DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Fiches technique(HTML) 34 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 30Page - Texas Instruments DRA751ABC Datasheet HTML 31Page - Texas Instruments DRA751ABC Datasheet HTML 32Page - Texas Instruments DRA751ABC Datasheet HTML 33Page - Texas Instruments DRA751ABC Datasheet HTML 34Page - Texas Instruments DRA751ABC Datasheet HTML 35Page - Texas Instruments DRA751ABC Datasheet HTML 36Page - Texas Instruments DRA751ABC Datasheet HTML 37Page - Texas Instruments DRA751ABC Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
34
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
C20
i2c1_scl
i2c1_scl
0
IO
OFF
OFF
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
C21
i2c1_sda
i2c1_sda
0
IO
OFF
OFF
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
F17
i2c2_scl
i2c2_scl
0
IO
OFF
OFF
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
1
hdmi1_ddc_sda
1
IO
Driver off
15
I
C25
i2c2_sda
i2c2_sda
0
IO
OFF
OFF
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
1
hdmi1_ddc_scl
1
IO
Driver off
15
I
AH15
ljcb_clkn
ljcb_clkn
0
IO
1.8
vdda_pcie
LJCB
AG15
ljcb_clkp
ljcb_clkp
0
IO
1.8
vdda_pcie
LJCB
B14
mcasp1_aclkr
mcasp1_aclkr
0
IO
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
0
mcasp7_axr2
1
IO
0
vout2_d0
6
O
vin4a_d0
8
I
0
i2c4_sda
10
IO
1
gpio5_0
14
IO
Driver off
15
I
C14
mcasp1_aclkx
mcasp1_aclkx
0
IO
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin6a_fld0
No
7
I
0
i2c3_sda
10
IO
1
gpio7_31
14
IO
Driver off
15
I
G12
mcasp1_axr0
mcasp1_axr0
0
IO
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
0
uart6_rxd
3
I
1
vin6a_vsync0
No
7
I
0
i2c5_sda
10
IO
1
gpio5_2
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More