Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 211 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 211 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 207Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 208Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 209Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 210Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 211Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 212Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 213Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 214Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 215Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
111
Replaceable Parts
This section contains a list of the modules that are replaceable for the
TDS 310, TDS 320, and TDS 350. Use this list to identify and order replace
ment parts.
Replacement parts are available from or through your local Tektronix, Inc.
service center or representative.
Changes to Tektronix instruments are sometimes made to accommodate
improved components as they become available and to give you the benefit
of the latest circuit improvements. Therefore, when ordering parts, it is impor
tant to include the following information in your order:
H Part number
H Instrument type or model number
H Instrument serial number
H Instrument modification number, if applicable
If a part you order has been replaced with a different or improved part, your
local Tektronix service center or representative will contact you concerning
any change in the part number.
Change information, if any, is located at the rear of this manual.
Module Replacement
TDS 300 Series oscilloscopes are serviced by module replacement. There are
three options you should consider:
H Module Exchange. In some cases you may exchange your module for a
remanufactured module. These modules cost significantly less than new
modules and meet the same factory specifications. For more information
about the module exchange program, call 1800 TEKWIDE, ext. 6630.
H Module Repair. You may ship your module to us for repair, after which
we will return it to you.
H New Modules. You may purchase new replacement modules in the same
way as other replacement parts.
Parts Ordering
Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More