Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 176 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 176 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 172Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 173Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 174Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 175Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 176Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 177Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 178Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 179Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 180Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 242 page
background image
Removal and Replacement
Maintenance
818
9. Reinstallation:
a. If you are replacing the menu flex circuit, perform the following sub
parts:
H Wipe the front of the chassis using isopropyl alcohol and a clean,
lint free cloth. Let it dry.
H Find the score line in the adhesive backing and peel the backing
off the menu flex circuit.
H Carefully align the three holes on the menu flex circuit to the
locator studs on the front of the main chassis. When the align
ment is correct, press the flex circuit against the chassis so it
adheres to the chassis.
H Clean the surface of the menu flex circuit using isopropyl alcohol
and a clean, lint free cloth.
b. Reconnect the main board and menu flex circuit cables to the back of
the front panel assembly.
c. Carefully reinsert the front panel assembly into the main chassis left
side first.
1. Have handy a screwdriver with a size T 15 TorxR tip (Items 1 and 2).
2. Remove the front trim ring as outlined on page 815.
3. Set the oscilloscope so its top side is down on the work surface and its
front is facing you.
4. Ifpresent, unplug the option board cables.
5. Unplug the power supply cable at the power supply.
6. Unplug the monitor cable at the monitor assembly and power supply;
carefully route the cable out through its access hole.
7. Unplug the front panel cable.
8. Using Figure 89 as a guide, remove the eight T 15 TorxR screws secur
ing the main board assembly to the chassis.
Main Board
Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More